Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1833 Datasheet (PDF) - Analog Devices

AD1833 Datasheet PDF - Analog Devices
Part # AD1833
Download  AD1833 Download
File Size   419.62 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multichannel 24-Bit, 192 kHz, DAC

AD1833 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1833 Datasheet PDF - Analog Devices

Part # AD1833
Download  AD1833 Click to download

File Size   419.62 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multichannel 24-Bit, 192 kHz, DAC

AD1833 Datasheet (HTML) - Analog Devices


AD1833 Product details

GENERAL DESCRIPTION

The AD1833 is a complete, high-performance, single-chip, multi channel, digital audio playback system. It features six audio playback channels each comprising a high-performance digital nterpolation filter, a multibit sigma-delta modulator featuring Analog Devices patented technology and a continuous-time voltage-out analog DAC section. Other features include an on-chip clickless attenuator and mute capability, per channel, programmed through an SPI-compatible serial control port.



FEATURES

5 V Stereo Audio System with 3.3 V Tolerant Digital Interface

Supports 96 kHz Sample Rates on Six Channels and 192 kHz on 2 Channels

Supports 16-/20-/24-Bit Word Lengths

Multibit Sigma-Delta Modulators with “Perfect Differential Linearity Restoration” for Reduced Idle Tones and Noise Floor

Data Directed Scrambling DACs—Least Sensitive to Jitter

Differential Output for Optimum Performance

DACs Signal-to-Noise and Dynamic Range: 110 dB

   –94 dB THD + N—6-Channel Mode

   –95 dB THD + N—2-Channel Mode

On-Chip Volume Control Per Channel with 1024-Step Linear Scale

Software Controllable Clickless Mute

Digital De-Emphasis Processing

Supports 256  fS, 512 fS, and 768 fS Master Clock Modes

Power-Down Mode Plus Soft Power-Down Mode

Flexible Serial Data Port with Right-Justified, Left Justified, I2S-Compatible and DSP Serial Port Modes

Supports Packed Data Mode (TDM) for DACs

48-Lead LQFP Plastic Package



APPLICATIONS

DVD Video and Audio Players

Home Theatre Systems

Automotive Audio Systems

Set-Top Boxes

Digital Audio Effects Processors




Similar Part No. - AD1833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
AD1833AAST AD-AD1833AAST Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
AD1833AAST-REEL AD-AD1833AAST-REEL Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
AD1833ACST AD-AD1833ACST Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
AD1833ACST-REEL AD-AD1833ACST-REEL Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
More results


Similar Description - AD1833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
logo
Asahi Kasei Microsystem...
AK4359 AKM-AK4359 Datasheet
369Kb / 32P
192 KHZ 24 BIT 8CH DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com