Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWB7225 Datasheet (PDF) - ANADIGICS, Inc

AWB7225 Datasheet PDF - ANADIGICS, Inc
Part # AWB7225
Download  AWB7225 Download
File Size   632.49 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 860 - 894 MHz Small-Cell Power Amplifier Module

AWB7225 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWB7225 Datasheet PDF - ANADIGICS, Inc

Part # AWB7225
Download  AWB7225 Click to download

File Size   632.49 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 860 - 894 MHz Small-Cell Power Amplifier Module

AWB7225 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWB7225

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7221 ANADIGICS-AWB7221 Datasheet
809Kb / 9P
2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7221RM52P8 ANADIGICS-AWB7221RM52P8 Datasheet
809Kb / 9P
2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
1.805 - 1.880 GHz Small-Cell Power Amplifier Module
Rev 2.3
AWB7222P7 ANADIGICS-AWB7222P7 Datasheet
740Kb / 9P
1.805 - 1.880 GHz Small-Cell Power Amplifier Module
Rev 2.3
AWB7222P8 ANADIGICS-AWB7222P8 Datasheet
740Kb / 9P
1.805 - 1.880 GHz Small-Cell Power Amplifier Module
Rev 2.3
More results


Similar Description - AWB7225

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0436 MACOM-MAFRIN0436 Datasheet
183Kb / 3P
Ultra Low Loss Isolator 860 MHz - 894 MHz
logo
ANADIGICS, Inc
AWB7125 ANADIGICS-AWB7125 Datasheet
593Kb / 9P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3
AWB7124 ANADIGICS-AWB7124 Datasheet
712Kb / 9P
728 MHz to 768 MHz Small-Cell Power Amplifier Module
Rev 1.2
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
925 MHz to 960 MHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7224 ANADIGICS-AWB7224 Datasheet
777Kb / 9P
728 - 768 MHz Small-Cell Power Amplifier Module
Rev 1.1
logo
Skyworks Solutions Inc.
AWB7125 SKYWORKS-AWB7125 Datasheet
785Kb / 10P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
AWB7224 SKYWORKS-AWB7224 Datasheet
802Kb / 10P
728 - 768 MHz Small-Cell Power Amplifier Module
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
925 - 960 MHz Small-Cell Power Amplifier Module
AWB7232 SKYWORKS-AWB7232 Datasheet
799Kb / 10P
Small-Cell Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com