Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWB7224 Datasheet (PDF) - ANADIGICS, Inc

AWB7224 Datasheet PDF - ANADIGICS, Inc
Part # AWB7224
Download  AWB7224 Download
File Size   777.84 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 728 - 768 MHz Small-Cell Power Amplifier Module

AWB7224 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWB7224 Datasheet PDF - ANADIGICS, Inc

Part # AWB7224
Download  AWB7224 Click to download

File Size   777.84 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 728 - 768 MHz Small-Cell Power Amplifier Module

AWB7224 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWB7224

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7224 SKYWORKS-AWB7224 Datasheet
802Kb / 10P
728 - 768 MHz Small-Cell Power Amplifier Module
AWB7224P7 SKYWORKS-AWB7224P7 Datasheet
802Kb / 10P
728 - 768 MHz Small-Cell Power Amplifier Module
AWB7224P8 SKYWORKS-AWB7224P8 Datasheet
802Kb / 10P
728 - 768 MHz Small-Cell Power Amplifier Module
AWB7224P9 SKYWORKS-AWB7224P9 Datasheet
802Kb / 10P
728 - 768 MHz Small-Cell Power Amplifier Module
More results


Similar Description - AWB7224

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7225 ANADIGICS-AWB7225 Datasheet
632Kb / 9P
860 - 894 MHz Small-Cell Power Amplifier Module
Rev 0.1
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43013 AVAGO-MGA-43013 Datasheet
762Kb / 14P
High Linearity 728 - 756 MHz Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3
AWB7124 ANADIGICS-AWB7124 Datasheet
712Kb / 9P
728 MHz to 768 MHz Small-Cell Power Amplifier Module
Rev 1.2
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
925 MHz to 960 MHz Small-Cell Power Amplifier Module
Rev 1.1
logo
Broadcom Corporation.
MGA-43013 BOARDCOM-MGA-43013 Datasheet
762Kb / 14P
High Linearity 728 - 756 MHz Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7125 SKYWORKS-AWB7125 Datasheet
785Kb / 10P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
AWB7224 SKYWORKS-AWB7224 Datasheet
802Kb / 10P
728 - 768 MHz Small-Cell Power Amplifier Module
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
925 - 960 MHz Small-Cell Power Amplifier Module
AWB7232 SKYWORKS-AWB7232 Datasheet
799Kb / 10P
Small-Cell Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com