Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53513 Datasheet (PDF) - Analog Devices

AD53513 Datasheet PDF - Analog Devices
Part # AD53513
Download  AD53513 Download
File Size   92.18 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes

AD53513 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD53513 Datasheet PDF - Analog Devices

Part # AD53513
Download  AD53513 Click to download

File Size   92.18 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes

AD53513 Datasheet (HTML) - Analog Devices


AD53513 Product details

PRODUCT DESCRIPTION
The AD53513 is a quad high-speed pin driver designed for use in digital or mixed-signal test systems. Combining a high-speed monolithic process with a convenient surface-mount package, this product attains superb electrical performance while preserving optimum packaging densities and long-term reliability in a 100-lead, LQFP package with built-in heat sink.

FEATURES
    500 MHz Driver Operation (1 Gb/s)
    Driver Inhibit Function
    100 ps Edge Matching
    Guaranteed Industry Specifications
        20 Ω Output Impedance
        5 V/ns Slew Rate
        Variable Output Voltages for ECL, TTL, and CMOS
    High-Speed Differential Inputs for Maximum Flexibility
    Ultrasmall 100-Lead LQFP Package with Built-In
        Heat Sink

APPLICATIONS
    Automatic Test Equipment
    Semiconductor Test Systems
    Board Test Systems
    Instrumentation and Characterization Equipment




Similar Part No. - AD53513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53513 AD-AD53513_15 Datasheet
95Kb / 4P
Quad Ultrahigh-Speed Pin Driver
REV. 0
More results


Similar Description - AD53513

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2406 SANYO-2SK2406 Datasheet
88Kb / 3P
Ultrahigh-Speed Switching, Motor Driver Applications
FX607 SANYO-FX607 Datasheet
108Kb / 4P
Ultrahigh-Speed Switching, Motor Driver Applications
logo
Analog Devices
AD1324 AD-AD1324 Datasheet
549Kb / 12P
Ultrahigh Speed Pin Driver with Inhibit Mode
AD53040 AD-AD53040 Datasheet
114Kb / 7P
Ultrahigh Speed Pin Driver with Inhibit Mode
logo
Sanyo Semicon Device
F607 SANYO-F607 Datasheet
108Kb / 4P
ULTRAHIGH - SPEED SWITCHING, MOTOR DRIVER APPLICATIONS
logo
Supertex, Inc
MD1811 SUTEX-MD1811 Datasheet
459Kb / 6P
HIGH SPEED QUAD MOSFET DRIVER
MD1810 SUTEX-MD1810_07 Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
MD1811 SUTEX-MD1811_07 Datasheet
637Kb / 7P
High Speed Quad MOSFET Driver
logo
Analog Devices
AD1322 AD-AD1322_15 Datasheet
3Mb / 12P
ULTRAHIGH SPEED PIN DRIVER WITH INHIBIT MODE
AD53513 AD-AD53513_15 Datasheet
95Kb / 4P
Quad Ultrahigh-Speed Pin Driver
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com