Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53513 Datasheet(PDF) 3 Page - Analog Devices

Part # AD53513
Description  Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53513 Datasheet(HTML) 3 Page - Analog Devices

  AD53513 Datasheet HTML 1Page - Analog Devices AD53513 Datasheet HTML 2Page - Analog Devices AD53513 Datasheet HTML 3Page - Analog Devices AD53513 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
–3–
REV. 0
AD53513
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD53513 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Power Supply Voltage
+VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 V
–VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V
+VS to –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Inputs
DATA,
DATA, INH, INH, RLD, VBB . . . . . . . +5 V, –3 V
DATA to
DATA, INH to INH, RLD, VBB . . . . . . . . .
±3V
VH, VL, VT to GND . . . . . . . . . . . . . . . . . . . . . . +7 V, –2 V
VH to VL (VH – VT) and (VT – VL) . . . . . . . . . . . . . . . .
±9V
Outputs
VOUT Short Circuit Duration . . . . . . . . . . . . . . . Indefinite
2
VOUT Range in Inhibit Mode
VHDCPL . . . . . Do Not Connect Except for Capacitor to VCC
VLDCPL . . . . . Do Not Connect Except for Capacitor to VEE
THERM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 V, 0 V
Environmental
Operating Temperature (Junction) . . . . . . . . . . . . . . . 175
°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec)
3
. . . . . . . . . . . 260
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Absolute maximum limits apply
individually, not in combination. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Output short circuit protection is guaranteed as long as proper heat sinking is
employed to ensure compliance with the operating temperature limits.
3To ensure lead coplanarity (
± 0.002 inches) and solderability, handling with bare
hands should be avoided and the device should be stored in environments at 24
°C
±5°C (75°F ±10°F) with relative humidity not to exceed 65%.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Shipment Method,
Package
Quantity Per
Package
Model
Description
Shipping Container
Option
AD53513JSQ
100-Lead LQFP-CDQUAD
Tray, 90 Pieces
SQ-100
Parameter
Min
Typ
*
Max
Unit
Test Conditions
DYNAMIC PERFORMANCE, INHIBIT
Delay Time, Active to Inhibit
1.5
2.5
ns
Measured at 50%, VH = +2 V, VL = –2 V, VT = –2 V
Delay Time, Inhibit to Active
0.7
1.7
ns
Measured at 50%, VH = +2 V, VL = –2 V, VT = –2 V
I/O Spike
<200
mV p-p
VH = 0 V, VL = 0 V, VT = –2 V
Output Capacitance
6
pF
Driver Inhibited
DYNAMIC PERFORMANCE, VTERM
Delay Time, Active to VTERM
0.50
1.30
ns
Measured at 50%, VH = +0.8 V, VL = –0.8 V, VT = 0 V
Delay Time, VTERM to Active
0.45
1.25
ns
50
Ω Terminated
Overshoot, Undershoot, and Preshoot
VL = –2 V, VH = +2 V, VT = 0 V
VTERM to VL or VH
±6%/±75
mV
VL = –0.8 V, VH = +0.8 V, VT = 0 V
Output Terminated 50
Ω
POWER SUPPLIES
Total Supply Range
15
V
Positive Supply
9
V
Negative Supply
–6
V
Positive Supply Current
570
mA
Negative Supply Current
570
mA
Total Power Dissipation
8.6
W
Temperature Sensor Gain Factor
1.0
µA/K
RLOAD = 4.2 k
Ω, V
SOURCE = 9 V
NOTES
Connecting or shorting the decoupling capacitors to ground will result in the destruction of the device.
*Typical parameters are not production tested but guaranteed through characterization.
Specifications subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com