Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53513 Datasheet(PDF) 2 Page - Analog Devices

Part # AD53513
Description  Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53513 Datasheet(HTML) 2 Page - Analog Devices

  AD53513 Datasheet HTML 1Page - Analog Devices AD53513 Datasheet HTML 2Page - Analog Devices AD53513 Datasheet HTML 3Page - Analog Devices AD53513 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
–2–
REV. 0
AD53513–SPECIFICATIONS
(All specifications are at TJ = 85 C
5 C, +VS = +9 V
3%, –VS = –6 V
3% unless otherwise noted. All temperature coefficients are measured
at TJ = 75 C–95 C). (A 39 nF capacitor must be connected between VCC and VHDCPL and between VEE and VLDCPL.)
Parameter
Min
Typ
*
Max
Unit
Test Conditions
DIFFERENTIAL INPUT CHARACTERISTICS
(Data to
DATA, INH to INH), RLD, VBB
VBB = –1.3 V
Input Voltage
–2
0
Volts
Differential Input Range
ECL
Bias Current
–1
+1
mA
VIN = –2 V, 0.0 V
VBB Threshold Input
Midrange
V
Set to Midrange of Logic Levels
REFERENCE INPUTS (VL, VH, VT)
Bias Currents
–50
+50
µAV
L, VH = 2 V
OUTPUT CHARACTERISTICS
Logic High Range
–2.3
+5.5
Volts
DATA = H
Logic Low Range
–2.5
+5.3
Volts
DATA = L
Amplitude (VH–VL)
0.2
8.0
Volts
Absolute Accuracy
VH Offset
–100
+100
mV
DATA = H, VH = 0 V, VL = –2 V, VT = +3 V
VH Gain and Linearity Error
±0.3 ±5% of V
H + mV
DATA = H, VH = –2 V to +5 V, VL = –2.5 V,
VT = +3 V
VL Offset
–100
+100
mV
DATA = L, VL = 0 V, VH = +5 V, VT = +4.5 V
VL Gain and Linearity Error
±0.3 ±5% of V
L + mV
DATA = L, VL = –2 V to +5 V, VH = +5.5 V,
VT = +4.5 V
VT Offset
–100
+100
mV
Term Mode, VT = 0 V, VL = –1 V, VH = +3 V
VT Gain and Linearity Error
±0.3 ±5% of V
T + mV
Term Mode, VT = –2.0 V to +5.0 V, VL = 0,
VH = +3 V
Offset TC, VH, or VL, or VTERM
±0.5
mV/
°CV
L, VH = 0 V
Output Resistance
20
Ω
DATA = H, VH = 3 V, VL = 0 V, IOUT = 45 mA
Output Leakage
–1.0
+1.0
µAV
OUT = –2 V to +5 V
Dynamic Current Limit
130
mA
CBYP = 39 nF, VH = +5 V, VL = –2 V
Static Current Limit
±85
mA
Output to –2.5 V, VH = +5.5 V, VL = –2.5 V,
VT = 0; DATA = H and Output to 5.5 V,
VH = +5.5 V, VL = –2.5 V, VT = 0
VL = –3 V, DATA = L
PSRR, Drive Mode
35
dB
VS = VS
± 3%
DYNAMIC PERFORMANCE, DRIVE
(VH and VL)
Propagation Delay Time
0.3
1.1
ns
Measured at 50%, VH = 800 mV, 50
Ω Load,
VL = –800 mV
Propagation Delay TC
±0.5
ps/
°C
Measured at 50%, VH = 800 mV, 50
Ω Load,
VL = –800 mV
Delay Matching, Edge to Edge
100
ps
Measured at 50%, VH = 800 mV, 50
Ω Load,
VL = –800 mV
Rise and Fall Time
1 V Swing
300
ps
Measured 20%–80%, VL = 0 V, VH = 1 V, VT = –2 V
2 V Swing
450
ps
Measured 10%–90%, VL = 0 V, VH = 2 V, VT = –2 V
3 V Swing
650
ps
Measured 10%–90%, VL = 0 V, VH = 3 V, VT = –2 V
Rise and Fall Time TC
1 V Swing
±1
ps/
°C
Measured 20%–80%, VL = 0 V, VH = 1 V, VT = –2 V
2 V Swing
±1
ps/
°C
Measured 10%–90%, VL = 0 V, VH = 2 V, VT = –2 V
3 V Swing
±1
ps/
°C
Measured 10%–90%, VL = 0 V, VH = 3 V, VT = –2 V
Overshoot, Undershoot, and Preshoot
±(6% +50 mV)
% of Step + mV
a. VL, VH = 0 V, +1 V, VT = –2 V, 50
Ω
b. VL, VH = 0 V, +3 V, VT = –2 V, 50
Ω
c. VL, VH = 0 V, +5 V, VT = –2 V, 50
Ω
Settling Time
to 15 mV
50
ns
VL = 0 V, VH = +0.5 V, VT = –2 V
to 4 mV
10
µsV
L = 0 V, VH = +0.5 V, VT = –2 V
Delay Change vs. Pulsewidth
10
ps
VL = 0 V, VH = +2 V, VT = –2 V,
Pulsewidth/Period = 1.0 ns/4.0 ns, 30 ns/120 ns
Minimum Pulsewidth
2 V Swing
700
ps
700 ps Input, 10%/90% Output, VT = –2 V,
VL = 0 V, VH = +2 V, 50
Ω Terminated
Toggle Rate
3.2
GHz
VL = –1.8 V, VH = –0.8 V, VT = –2 V,
VOUT > 300 mV p-p at 50
Ω Terminated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com