Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6630 Datasheet (PDF) - Analog Devices

AD6630 Datasheet PDF - Analog Devices
Part # AD6630
Download  AD6630 Download
File Size   129.0 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential, Low Noise IF Gain Block with Output Clamping

AD6630 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6630 Datasheet PDF - Analog Devices

Part # AD6630
Download  AD6630 Click to download

File Size   129.0 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential, Low Noise IF Gain Block with Output Clamping

AD6630 Datasheet (HTML) - Analog Devices


AD6630 Product details

PRODUCT DESCRIPTION
The AD6630 is an IF gain block designed to interface between SAW filters and differential input analog-to-digital converters. The AD6630 has a fixed gain of 24 dB and has been optimized for use with the AD6600 and AD6620 in digitizing narrowband IF carriers in the 70 MHz to 250 MHz range.

FEATURES
   24 dB Gain
   4 dB Noise Figure
   Easy Match to SAW Filters
   Output Limiter Adjustable +8.5 dBm to +12 dBm
   700 MHz Bandwidth
   10 V Single or Dual 5 V Power Supply
   300 mW Power Dissipation

APPLICATIONS
   ADC IF Drive Amp
   Communications Receivers
   PCS/Cellular Base Stations
      GSM, CDMA, TDMA




Similar Part No. - AD6630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6630 AD-AD6630_15 Datasheet
132Kb / 8P
Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
More results


Similar Description - AD6630

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
logo
Analog Devices
AD6630 AD-AD6630_15 Datasheet
132Kb / 8P
Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
Gain Block IF Amplifier
logo
Analog Devices
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
RF/IF Gain Block
2/15-Rev. A to Rev. B
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
RF/IF Gain Block
2/15-Rev. B to Rev. C
ADL5602 AD-ADL5602_13 Datasheet
322Kb / 16P
RF/IF Gain Block
11/13-Rev. 0 to Rev. A
ADL5610 AD-ADL5610_15 Datasheet
438Kb / 16P
RF/IF Gain Block
12/15-Rev. A to Rev. B
logo
Texas Instruments
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com