Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6630 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6630
Description  Differential, Low Noise IF Gain Block with Output Clamping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6630 Datasheet(HTML) 3 Page - Analog Devices

  AD6630 Datasheet HTML 1Page - Analog Devices AD6630 Datasheet HTML 2Page - Analog Devices AD6630 Datasheet HTML 3Page - Analog Devices AD6630 Datasheet HTML 4Page - Analog Devices AD6630 Datasheet HTML 5Page - Analog Devices AD6630 Datasheet HTML 6Page - Analog Devices AD6630 Datasheet HTML 7Page - Analog Devices AD6630 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. 0
AD6630
Test
Parameter
Temp
Level
Min
Typ
Max
Units
HIGH LEVEL CLAMP MAXIMUM OUTPUT @ 250 MHz
4, 5
Full
IV
11.2
12.2
dBm
PHASE VARIATION6
+25
°C
V
9
Degree
CMRR7
+25
°CV
50
dB
PSRR
8
+25
°CV
30
dB
NOTES
1All specifications are valid across the operating frequency range when the source and load impedance are a conjugate match to the amplifier’s input and output
impedance.
2Test is for two tones separated by 1 MHz for IFs at 70 MHz and 250 MHz at –23 dBm per tone input.
3Low Level Clamp is selected by connecting pin CLLO to the negative supply, while pin CLHI is left floating. Clamping can be set at lower levels by connecting pin
CLLO and CLHI to the negative supply through an external resistor.
4High Level Clamp is selected by connecting pin CLHI to the negative supply, while pin CLLO is left floating, this allows the maximum linear range of the device to
be utilized.
5Output clamp levels are measured for hard clamping with a +3 dBm input level. Valid for a maximum input level of +8 dBm/200
Ω = 3.2 V p-p—differential.
6Measured as the change in output phase when the input level is changed from –53 dBm to +8 dBm (i.e., from linear operation to clamping).
7Ratio of the differential output signal (referenced to the input) to the common-mode input signal presented to all input pins.
8Ratio of signal on supply to differential output (<500 kHz).
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
Single Supply Voltage
–0.5
11.5
V
Positive Supply Voltage
–0.5
5.75
V
Negative Supply Voltage
–5.75
0.5
V
Input Power
+8
dBm
Storage Temperature
–65
+150
°C
Junction Temperature
+150
°C
ESD Protection
1
kV
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at +25
°C, and guaranteed by
design and analysis at temperature extremes.
III. Sample tested only.
IV. Parameter guaranteed by design and analysis.
V.
Parameter is typical value only.
VI. 100% production tested at +25
°C, and sample tested at
temperature extremes.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6630AR
–40
°C to +85°C (Ambient)
16-Lead Wide Body SOIC
R-16
AD6630AR-REEL
–40
°C to +85°C (Ambient)
AD6630AR on 1000 PC Reel
AD6630R/PCB
Evaluation Board with AD6630AR
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6630 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com