Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6630 Datasheet(PDF) 2 Page - Analog Devices

Part # AD6630
Description  Differential, Low Noise IF Gain Block with Output Clamping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6630 Datasheet(HTML) 2 Page - Analog Devices

  AD6630 Datasheet HTML 1Page - Analog Devices AD6630 Datasheet HTML 2Page - Analog Devices AD6630 Datasheet HTML 3Page - Analog Devices AD6630 Datasheet HTML 4Page - Analog Devices AD6630 Datasheet HTML 5Page - Analog Devices AD6630 Datasheet HTML 6Page - Analog Devices AD6630 Datasheet HTML 7Page - Analog Devices AD6630 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
AD6630–SPECIFICATIONS
NORMAL OPERATING CONDITIONS
Parameter (Conditions)
Min
Typ
Max
Units
SINGLE SUPPLY VOLTAGE
8.5
10.5
V
POSITIVE SUPPLY VOLTAGE
4.25
5.0
5.25
V
NEGATIVE SUPPLY VOLTAGE
–5.25
–5.0
–4.25
V
AMBIENT TEMPERATURE
–40
+85
°C
PACKAGE THERMAL RESISTANCE
80
°C/W
OPERATING FREQUENCY1
70
250
MHz
DC SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Units
SUPPLY CURRENT
Full
II
30
48
mA
OUTPUT DC LEVEL
Full
II
VM–150
VM+150
mV
AC SPECIFICATIONS
Test
Parameter1
Temp
Level
Min
Typ
Max
Units
GAIN (POWER) @ 70 MHz
Full
II
23
24
25
dB
GAIN (POWER) @ 250 MHz
Full
II
22
23
24
dB
–3 dB BANDWIDTH
+25
°C
V
700
MHz
OUTPUT REFERRED IP3 @ 70 MHz2
Full
V
22
dBm
OUTPUT REFERRED IP3 @ 250 MHz
2
Full
V
19
dBm
OUTPUT REFERRED IP2 @ 70 MHz2
Full
V
45
dBm
OUTPUT REFERRED IP2 @ 250 MHz2
Full
V
45
dBm
OUTPUT REFERRED 1 dB COMPRESSION POINT
@ 70 MHz LOW LEVEL CLAMP
3
Full
II
8.5
dBm
OUTPUT REFERRED 1 dB COMPRESSION POINT
@ 250 MHz LOW LEVEL CLAMP
3
Full
II
7.5
dBm
OUTPUT REFERRED 1 dB COMPRESSION POINT
@ 70 MHz HIGH LEVEL CLAMP4
Full
II
11
dBm
OUTPUT REFERRED 1 dB COMPRESSION POINT
@ 250 MHz HIGH LEVEL CLAMP4
Full
II
9
dBm
OUTPUT SLEW RATE
+25
°C
V
3700
V/
µs
INPUT IMPEDANCE (REAL)
+25
°C
V
200
Ω
INPUT CAPACITANCE
+25
°CV
2
pF
OUTPUT IMPEDANCE (REAL)
+25
°C
V
400
Ω
OUTPUT CAPACITANCE
+25
°CV
2
pF
NOISE FIGURE
+25
°CV
4
dB
LOW LEVEL CLAMP MAXIMUM OUTPUT @ 70 MHz
3, 5
Full
IV
11
12.5
dBm
HIGH LEVEL CLAMP MAXIMUM OUTPUT @ 70 MHz
4, 5
Full
IV
13.8
14.3
dBm
LOW LEVEL CLAMP MAXIMUM OUTPUT @ 250 MHz3, 5
Full
IV
9.25
10.6
dBm
(TMIN = –40 C, TMAX = +85 C. Output dc levels are nominally at VM, where VM = VCC + VEE = [+5 V + (–5 V)] = 0.
Inputs should be AC coupled.)
(TMIN = –40 C, TMAX = +85 C. All AC production tests are performed at 5 MHz. 70 MHz and 250 MHz
performance limits are correlated to 5 MHz testing based on characterization data.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com