Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82732 Datasheet (PDF) - EPCOS

B82732 Datasheet PDF - EPCOS
Part # B82732
Download  B82732 Download
File Size   65.84 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Frame Core Chokes

B82732 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82732 Datasheet PDF - EPCOS

Part # B82732
Download  B82732 Click to download

File Size   65.84 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Frame Core Chokes

B82732 Datasheet (HTML) - EPCOS


B82732 Product details

Chokes for Power Lines D Core Chokes



Rated voltage 250 Vac

Rated current 0,35 to 4,6 A

Rated inductance 3,3 to 100 mH



Features

■Coil former flame-retardant as per UL 94 V-0

■Recycleable owing to omission of encapsulation and glue

■High resonance frequency due to 2-section winding

■Low leakage due to closed core shape

■High pulse strength

■Low whirring noise

■Approx. 1 % stray inductance for symmetrical interference suppression



Applications

■Electronic ballasts for lamps

■Switch-mode power supplies for TV sets



Construction

■Current-compensated double choke with closed, rectangular ferrite core

■Closed polycarbonate coil former with 4 sections

■Without encapsulation

■2-section winding

■Creepage distances and clearances > 3 mm




Similar Part No. - B82732

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732-R2112-B30 EPCOS-B82732-R2112-B30 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82732-R2142-B30 EPCOS-B82732-R2142-B30 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82732-R2172-B30 EPCOS-B82732-R2172-B30 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82732-R2222-B30 EPCOS-B82732-R2222-B30 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82732-R2601-B30 EPCOS-B82732-R2601-B30 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
More results


Similar Description - B82732

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
Chokes Drum Core Inductor
CBP1253 FILTRAN-CBP1253 Datasheet
50Kb / 1P
Chokes Drum Core Inductor
logo
EPCOS
B82733F EPCOS-B82733F Datasheet
677Kb / 6P
Current-compensated frame core double chokes
B82733 EPCOS-B82733 Datasheet
124Kb / 2P
Frame Core Chokes
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
Power line chokes Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
Power line chokes Ring core chokes with iron powder core
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
Current-compensated frame core double chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com