Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3031 Datasheet (PDF) - Littelfuse

SP3031 Datasheet PDF - Littelfuse
Part # SP3031
Download  SP3031 Download
File Size   1928.29 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).

SP3031 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3031 Datasheet PDF - Littelfuse

Part # SP3031
Download  SP3031 Click to download

File Size   1928.29 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).

SP3031 Datasheet (HTML) - Littelfuse


SP3031 Product details

Description
The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD). These robust diodes can safely absorb repetitive ESD strikes above the maximum level specified in the IEC61000-4-2 international standard without performance degradation. The low loading capacitance makes it ideal for protecting high speed data lines.

Features
• ESD protection of ±10kV contact discharge, ±15kV air discharge, (IEC61000-4-2)
• EFT, IEC61000-4-4, 40A (5/50ns)
• Lightning protection, IEC61000-4-5, 5A (tp=8/20µs)
• Low capacitance of 0.8pF @ VR=0V
• Low leakage current of 1μA at 5V
• 0402 small footprint available

Applications
• USB 2.0, Ethernet
• MHL/MIPI/MDDI
• HDMI, Display Port, eSATA
• Set Top Boxes, Game Consoles
• Smart Phones
• External Storage
• Ultrabooks, Notebooks
• Tablets, eReaders




Similar Part No. - SP3031

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3031-01ETG LITTELFUSE-SP3031-01ETG Datasheet
1Mb / 4P
SP3031 Series 0.8pF 10kV Unidirectional Discrete TVS
More results


Similar Description - SP3031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
Littelfuse
SP3021 LITTELFUSE-SP3021 Datasheet
1Mb / 4P
The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SRV05 LITTELFUSE-SRV05 Datasheet
1Mb / 4P
The SRV05 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
SP3051 LITTELFUSE-SP3051 Datasheet
1Mb / 4P
The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
logo
SeCoS Halbleitertechnol...
KS05B4 SECOS-KS05B4 Datasheet
657Kb / 2P
Ulta Low Capacitance double rail-to-rail ESD protection diode
KS05B4 SECOS-KS05B4_15 Datasheet
657Kb / 2P
Ulta Low Capacitance double rail-to-rail ESD protection diode
logo
Littelfuse
SP0544T LITTELFUSE-SP0544T Datasheet
2Mb / 4P
The SP0544T integrates 4 channels of ultra low capacitance rail-to-rail diodes and an additional zener diode to provide
logo
Nexperia B.V. All right...
PESD2ETH-X NEXPERIA-PESD2ETH-X Datasheet
688Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
PRTR5V0U2AX NEXPERIA-PRTR5V0U2AX Datasheet
184Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 4 - 18 April 2017
PRTR5V0U2X NEXPERIA-PRTR5V0U2X Datasheet
230Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
1 April 2023
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com