Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3051 Datasheet (PDF) - Littelfuse

SP3051 Datasheet PDF - Littelfuse
Part # SP3051
Download  SP3051 Download
File Size   1624.19 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.

SP3051 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3051 Datasheet PDF - Littelfuse

Part # SP3051
Download  SP3051 Click to download

File Size   1624.19 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.

SP3051 Datasheet (HTML) - Littelfuse


SP3051 Product details

Description
The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events. This robust device can safely absorb 20A of current per IEC61000-4-5 (tP=8/20µs) without performance degradation and a minimum ±30kV ESD per IEC61000-4-2. Their very low loading capacitance also makes them ideal for protecting high speed signal pins.

Features
• ESD, IEC61000-4-2, ±30kV contact, ±30kV air
• EFT, IEC61000-4-4, 40A (5/50ns)
• Lightning, IEC61000-4-5, 20A (8/20μs)
• Low capacitance of 3.8pF (TYP) per I/O
• Low leakage current of 0.5μA (MAX) at 5V
• Small SOT23-6 (JEDEC MO-178AB) packaging

Applications
• LCD/PDP TVs
• Monitors
• Notebooks
• 10/100/1000 Ethernet
• Firewire
• Set Top Boxes
• Flat Panel Displays
• Portable Medical




Similar Part No. - SP3051

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SP3051-04HTG LEIDITECH-SP3051-04HTG Datasheet
1Mb / 8P
LOW CAPACITA NCE TVS DIODE ARRAY
Rev : 01.06.2018
logo
TECH PUBLIC Electronics...
SP3051-04HTG TECHPUBLIC-SP3051-04HTG Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
More results


Similar Description - SP3051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
logo
Littelfuse
SP2504N LITTELFUSE-SP2504N Datasheet
1Mb / 4P
The SP2504N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
SP3304N LITTELFUSE-SP3304N Datasheet
1Mb / 4P
The SP3304N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
SP3031 LITTELFUSE-SP3031 Datasheet
1Mb / 4P
The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SRV05 LITTELFUSE-SRV05 Datasheet
1Mb / 4P
The SRV05 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
logo
SeCoS Halbleitertechnol...
KS05B4 SECOS-KS05B4 Datasheet
657Kb / 2P
Ulta Low Capacitance double rail-to-rail ESD protection diode
logo
Littelfuse
SP4050 LITTELFUSE-SP4050 Datasheet
2Mb / 6P
The SP4050 integrates low capacitance diodes with an additional zener diode to protect each I/O pin against ESD
SP0544T LITTELFUSE-SP0544T Datasheet
2Mb / 4P
The SP0544T integrates 4 channels of ultra low capacitance rail-to-rail diodes and an additional zener diode to provide
SP3014 LITTELFUSE-SP3014 Datasheet
1Mb / 4P
The SP3014 series integrates two channels of low capacitance steering diodes and an additional zener diode
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com