Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7339 Datasheet (PDF) - Analog Devices

AD7339 Datasheet PDF - Analog Devices
Part # AD7339
Download  AD7339 Download
File Size   179.38 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Integrated High Speed ADC/Quad DAC System

AD7339 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7339 Datasheet PDF - Analog Devices

Part # AD7339
Download  AD7339 Click to download

File Size   179.38 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Integrated High Speed ADC/Quad DAC System

AD7339 Datasheet (HTML) - Analog Devices


AD7339 Product details

GENERAL DESCRIPTION
The AD7339 is a composite IC that contains both DAC and ADC functions. The device includes an 8-bit parallel A-to-D converter. Two 8-bit parallel DACs are also included as are two serial control DACs. These serial DACs are 8-bit DACs.
The AD7339, which operates with a single 5 V power supply, has a bandgap reference on board with a nominal value of 2.5 V. To reduce the power consumption of the part, each section, except the reference, can be individually powered down when not in use.
The AD7339 is available in a 52-lead PQFP package.

FEATURES
   8-Bit A/D Converter
   Two 8-Bit D/A Converters
   Two 8-Bit Serial D/A Converters
   Single +5 V Supply Operation
   On-Chip Reference
   Power-Down Mode
   52-Lead PQFP Package




Similar Part No. - AD7339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311 AD-AD73311 Datasheet
334Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311 AD-AD73311 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311AR AD-AD73311AR Datasheet
334Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311AR AD-AD73311AR Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARS AD-AD73311ARS Datasheet
334Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
More results


Similar Description - AD7339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
AD7564 AD-AD7564 Datasheet
392Kb / 16P
LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV.A
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7564ARS-BREEL AD-AD7564ARS-BREEL Datasheet
468Kb / 17P
LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
ADG3257 AD-ADG3257_15 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2 1 Mux/Demux
Rev. E
logo
Shenzhen X-Powers Techn...
AC108 XPOWER-AC108 Datasheet
179Kb / 3P
Highly Integrated Quad-channel ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com