Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7339 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7339
Description  5 V Integrated High Speed ADC/Quad DAC System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7339 Datasheet(HTML) 2 Page - Analog Devices

  AD7339 Datasheet HTML 1Page - Analog Devices AD7339 Datasheet HTML 2Page - Analog Devices AD7339 Datasheet HTML 3Page - Analog Devices AD7339 Datasheet HTML 4Page - Analog Devices AD7339 Datasheet HTML 5Page - Analog Devices AD7339 Datasheet HTML 6Page - Analog Devices AD7339 Datasheet HTML 7Page - Analog Devices AD7339 Datasheet HTML 8Page - Analog Devices AD7339 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
AD7339–SPECIFICATIONS1
Parameter
B Version
Units
Test Conditions/Comments
ADC
ADCCLK = 2.048 MHz
Resolution
8
Bits
Differential Nonlinearity
± 1
LSB max
8 Bits Monotonic
Integral Nonlinearity
± 1
LSB max
Zero Input Offset Error
± 3
LSB
Signal Range
± 1
V max
The input must be biased about 1.4 V. Therefore, ac
coupling with a 1 nF capacitor is needed if the bias
voltage does not equal 1.4 V. The input should be
driven with a maximum source impedance of 50
Ω.
Full Power Input Bandwidth
1.024
MHz
Conversion Rate
2.048
MSPS
Signal to (Noise + Distortion)
42.7
dB min
Effective No. of Bits (ENOB)
6.8
Bits min
Intermodulation Distortion
48
dB min
See Terminology
Error Rate
4.7
× 1011
Input Capacitance
5
pF max
Coding
Offset Binary
00H to FFH with 80H = 0 V
PARALLEL DACS
DACCLK = 2.304 MHz
Resolution
8
Bits
Differential Nonlinearity
± 1
LSB max
8 Bits Monotonic
Integral Nonlinearity
± 1
LSB max
Output Signal Range
VBIAS ± VSWING
VSWING
14/25
× VREFA/B
V nom
VREFA/B means VREFA for DACA and VREFB for DACB.
VBIAS
VREFA/B
V nom
Update Rate
2.304
MHz max
Bipolar Zero Offset Error
±40
mV max
Factory Trim. Does Not Include Gain Error
Gain Error
± 5
% typ
Output Harmonic Content in
50
dB min
For a Full-Scale Digital Sine Wave in Band 0 kHz to 76.8 kHz
Band 0 MHz to 1.152 MHz
46
dB min
For a Full-Scale Digital Sine Wave in Band 0 kHz to 128 kHz
Gain Matching Between DACs
0.2
dB
For Amplitudes Which Equal Full Scale –10 dB
Crosstalk
1.8 k
Ω Load Between DACA and VREFA, and Between
DACB and VREFB
To B Channel from A Channel
55
dB min
A Channel has a full-scale output of frequency 128 kHz.
To A Channel from B Channel
55
dB min
B Channel has a full-scale output of frequency 128 kHz.
To VREFB from A Channel
55
dB min
A Channel has a full-scale output of frequency 128 kHz.
To VREFA from B Channel
55
dB min
B Channel has a full-scale output of frequency 128 kHz.
Load Resistance
1.8
k
Ω min
Connected Between DACA/B and VREFA/B
Load Capacitance
50
pF max
Full-Scale Settling Time
4
µs typ
Coding
Offset Binary
00H to FFH with 80H = Bias Voltage
SERIAL DACS
SCLK is a gated 256 kHz clock.
Resolution
8
Bits
Differential Nonlinearity
± 1
LSB
8 Bits Monotonic
Integral Nonlinearity
±1.5
LSB
With Respect to Full Scale
Output Range
See Figure 1
00H
0.2
V max
FFH
AVDD – 0.247
V min
When AVDD > 5.247 V, the analog output will equal 2 VREF.
Update Rate
SCLK/10
kHz max
Load Resistance
20
k
Ω max
Load Capacitance
100
pF max
ISINK
1
mA typ
ISOURCE
100
µA typ
Full-Scale Settling Time
2.5
µs typ
Coding
Straight Binary
(AVDD = DVDD = +5 V
10%, AGND = DGND = 0 V, TA = TMIN to TMAX, unless other-
wise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com