Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7339 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7339
Description  5 V Integrated High Speed ADC/Quad DAC System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7339 Datasheet(HTML) 4 Page - Analog Devices

  AD7339 Datasheet HTML 1Page - Analog Devices AD7339 Datasheet HTML 2Page - Analog Devices AD7339 Datasheet HTML 3Page - Analog Devices AD7339 Datasheet HTML 4Page - Analog Devices AD7339 Datasheet HTML 5Page - Analog Devices AD7339 Datasheet HTML 6Page - Analog Devices AD7339 Datasheet HTML 7Page - Analog Devices AD7339 Datasheet HTML 8Page - Analog Devices AD7339 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7339
–4–
REV. 0
TIMING CHARACTERISTICS
Limit at
Parameter
TA = –40 C to +85 C
Units
Description
ADC
See Figure 3.
t1
480
ns min
ADCCLK Period
t2
210
ns min
ADCCLK Width Low
t3
210
ns min
ADCCLK Width High
t4
100
ns min
Data Valid After Falling Edge of ADCCLK
t5
200
ns min
Data Valid Before Subsequent Falling Edge of ADCCLK
PARALLEL DACS
See Figure 4.
t6
430
ns min
DACCLK Period
t7
200
ns min
DACCLK Width Low
t8
200
ns min
DACCLK Width High
t9
130
ns min
Data Setup Before DACCLK Rising Edge Time
t10
50
ns min
Data Hold After DACCLK Rising Edge Time
t11
150
ns max
Propagation Delay
t12
250
ns max
Settling Time (from 10% to 90%)
SERIAL DACS
See Figure 5.
t13
3.9
µs min
SCLK Period
t14
1.94
µs min
SCLK Width Low
t15
1.94
µs min
SCLK Width High
t16
950
ns min
Data Setup Before SCLK Rising Edge
t17
950
ns min
Latch Enable Setup Time After SCLK Falling Edge
t18
480
ns min
LATCH Pulsewidth
t19
100
µs max
Conversion Delay
(AVDD = +5 V
10%; AGND = DGND = 0 V; TA = TMlN to TMAX, unless otherwise noted)
+2.1V
2mA
CL
15pF
IOH
TO
OUTPUT
PIN
IOL
1mA
Figure 2. Load Circuit for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com