Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4402 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4402 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4402
Download  AO4402 Download
File Size   280.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AO4402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4402 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4402
Download  AO4402 Click to download

File Size   280.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AO4402 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4402 Product details

General Description
The AO4402 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications.
   
Features
    VDS (V) = 30V
    ID = 12A
    RDS(ON) < 14mΩ (VGS = 10V)
    RDS(ON) < 16mΩ (VGS = 4.5V)
    RDS(ON) < 22mΩ (VGS = 2.5V)
   




Similar Part No. - AO4402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4402 ETC-AO4402 Datasheet
256Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
shenzhen wanhexing Elec...
AO4402 WHXPCB-AO4402 Datasheet
2Mb / 6P
20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4402 KEXIN-AO4402 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
TECH PUBLIC Electronics...
AO4402 TECHPUBLIC-AO4402 Datasheet
1Mb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
Guangdong Kexin Industr...
AO4402-HF KEXIN-AO4402-HF Datasheet
1Mb / 5P
N-Channel MOSFET
More results


Similar Description - AO4402

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com