Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4402 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4402 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4402
Download  AO4402 Download
File Size   2552.61 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 20V N-Channel MOSFET

AO4402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4402 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4402
Download  AO4402 Click to download

File Size   2552.61 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 20V N-Channel MOSFET

AO4402 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4402 Product details

General Description
The AO4402 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.
   
Product Summary
    VDS                                         20V
    ID (at VGS=4.5V)                    20A
    RDS(ON) (at VGS=4.5V) < 5.5mΩ
    RDS(ON) (at VGS=2.5V)    < 7mΩ

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4402 ETC-AO4402 Datasheet
256Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4402 AOSMD-AO4402 Datasheet
280Kb / 6P
20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4402 KEXIN-AO4402 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
TECH PUBLIC Electronics...
AO4402 TECHPUBLIC-AO4402 Datasheet
1Mb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
Guangdong Kexin Industr...
AO4402-HF KEXIN-AO4402-HF Datasheet
1Mb / 5P
N-Channel MOSFET
More results


Similar Description - AO4402

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com