Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7721 Datasheet (PDF) - Analog Devices

AD7721 Datasheet PDF - Analog Devices
Part # AD7721
Download  AD7721 Download
File Size   259.36 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC

AD7721 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7721 Datasheet PDF - Analog Devices

Part # AD7721
Download  AD7721 Click to download

File Size   259.36 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC

AD7721 Datasheet (HTML) - Analog Devices


AD7721 Product details

GENERAL DESCRIPTION
The AD7721 is a complete low power, 12-/16-bit, sigma-delta ADC. The part operates from a +5 V supply and accepts a differential input of 0 V to 2.5 V or ±1.25 V. The analog input is continuously sampled by an analog modulator at twice the clock frequency eliminating the need for external sample-andhold circuitry. The modulator output is processed by two finite impulse response (FIR) digital filters in series. The on-chip filtering reduces the external antialias requirements to first orde in most cases. Settling time for a step input is 97.07 µs while the group delay for the filter is 48.53 µs when the master clock equals 15 MHz.

FEATURES
   16-Bit Sigma-Delta ADC
   468.75 kHz Output Word Rate (OWR)
   No Missing Codes
   Low-Pass Digital Filter
   High Speed Serial Interface
   Linear Phase
   229.2 kHz Input Bandwidth
   Power Supplies: AVDD, DVDD: +5 V ± 5%
   Standby Mode (70 μW)
   Parallel Mode (12-Bit/312.5 kHz OWR)




Similar Part No. - AD7721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721AN AD-AD7721AN Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721AR AD-AD7721AR Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721SQ AD-AD7721SQ Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
More results


Similar Description - AD7721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7723 AD-AD7723 Datasheet
435Kb / 23P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV.0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
02/23/2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com