Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7721 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7721
Description  CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7721 Datasheet(HTML) 1 Page - Analog Devices

  AD7721 Datasheet HTML 1Page - Analog Devices AD7721 Datasheet HTML 2Page - Analog Devices AD7721 Datasheet HTML 3Page - Analog Devices AD7721 Datasheet HTML 4Page - Analog Devices AD7721 Datasheet HTML 5Page - Analog Devices AD7721 Datasheet HTML 6Page - Analog Devices AD7721 Datasheet HTML 7Page - Analog Devices AD7721 Datasheet HTML 8Page - Analog Devices AD7721 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS 16-Bit,
468.75 kHz, Sigma-Delta ADC
AD7721
Use of a single bit DAC in the modulator guarantees excellent
linearity and dc accuracy. Endpoint accuracy is ensured by on-
chip calibration of offset and gain. This calibration procedure
minimizes the part’s zero-scale and full-scale errors.
The output data is accessed from the output register through a
serial or parallel port. This offers easy, high speed interfacing to
modern microcontrollers and digital signal processors. The
serial interface operates in internal clocking (master) mode, the
AD7721 providing the serial clock.
CMOS construction ensures low power dissipation while a
power-down mode reduces the power consumption to only
100
µW.
GENERAL DESCRIPTION
The AD7721 is a complete low power, 12-/16-bit, sigma-delta
ADC. The part operates from a +5 V supply and accepts a
differential input of 0 V to 2.5 V or
±1.25 V. The analog input
is continuously sampled by an analog modulator at twice the
clock frequency eliminating the need for external sample-and-
hold circuitry. The modulator output is processed by two finite
impulse response (FIR) digital filters in series. The on-chip
filtering reduces the external antialias requirements to first order
in most cases. Settling time for a step input is 97.07
µs while
the group delay for the filter is 48.53
µs when the master clock
equals 15 MHz.
The AD7721 can be operated with input bandwidths up to
229.2 kHz. The corresponding output word rate is 468.75 kHz.
The part can be operated with lower clock frequencies also.
The sample rate, filter corner frequency and output word rate
will be reduced also, as these are proportional to the external
clock frequency. The maximum clock frequencies in parallel
mode and serial mode are 10 MHz and 15 MHz respectively.
FEATURES
16-Bit Sigma-Delta ADC
468.75 kHz Output Word Rate (OWR)
No Missing Codes
Low-Pass Digital Filter
High Speed Serial Interface
Linear Phase
229.2 kHz Input Bandwidth
Power Supplies: AVDD, DVDD: +5 V
5%
Standby Mode (70
W)
Parallel Mode (12-Bit/312.5 kHz OWR)
FUNCTIONAL BLOCK DIAGRAM
VIN1
AVDD
DVDD
AGND
DGND
DB8
SDATA/DB11
DB9
DRDY
RFS/DB10
12-BIT A/D CONVERTER
-
MODULATOR
FIR
FILTER
CONTROL LOGIC
DB4
AD7721
STBY/DB0
CAL/DB1
CLK
VIN2
DB3
DVAL/
SYNC
UNI/DB2
CS
RD
WR
REFIN
DSUBST
DGND
SYNC/
DB5
DB6
SCLK/
DB7
AGND
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - AD7721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721AN AD-AD7721AN Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721AR AD-AD7721AR Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721SQ AD-AD7721SQ Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
More results

Similar Description - AD7721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7723 AD-AD7723 Datasheet
435Kb / 23P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV.0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
02/23/2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com