Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7721 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7721
Description  CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7721 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7721 Datasheet HTML 8Page - Analog Devices AD7721 Datasheet HTML 9Page - Analog Devices AD7721 Datasheet HTML 10Page - Analog Devices AD7721 Datasheet HTML 11Page - Analog Devices AD7721 Datasheet HTML 12Page - Analog Devices AD7721 Datasheet HTML 13Page - Analog Devices AD7721 Datasheet HTML 14Page - Analog Devices AD7721 Datasheet HTML 15Page - Analog Devices AD7721 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7721
REV. A
–12–
PARALLEL INTERFACE
Read Operation
The device defaults to parallel mode if
CS, RD and WR are not
tied to DGND together. Figure 11 shows a timing diagram for
reading from the AD7721 in the parallel mode. When operating
the device in parallel mode,
CS and RD should be tied to
DGND permanently except when control information is being
written to the AD7721.
DRDY goes high for 2 clock cycles to
indicate that new data is available from the interface. The
AD7721 outputs this data after the falling edge of
DRDY. This
DRDY pin can be used to drive an edge-triggered interrupt of a
microprocessor.
Write Operation
The write operation is used to write data into the control regis-
ter. The outputs of the control register select the analog input
range, allow the part to be put into power-down (standby)
mode, define the function of the DVAL/
SYNC pin, and initiate
the calibration routine. After power-up and after at least 16
clock cycles, the control register must be written to. A cali-
bration must also be performed at least once after power-up to
set the calibration registers. The function of each bit in the
control register is shown in Table I. When writing to the con-
trol register, the
RD pin must be taken high so that the pins D0
to D11 are configured as inputs.
DATA OUT (O)
SCLK (O)
DB0
DB10
DB11
DB12
DB13
DB14
DB15
RFS (I) / DRDY (O)
t2
t3
t4
t5
t6
t8
NOTE: (I) SIGNIFIES AN INPUT; (O) SIGNIFIES AN OUTPUT.
t1
t
9
t7
Figure 10. Serial Mode Output Register Read
DRDY (O)
DB0–DB11 (O)
RD (I)
CS (I)
t12
t11
NOTE: (I) SIGNIFIES AN INPUT; (O) SIGNIFIES AN OUTPUT.
t10
Figure 11. Parallel Mode Output Register Read
NOTE: (I) SIGNIFIES AN INPUT; (O) SIGNIFIES AN OUTPUT.
WR (I)
VALID DATA
CS (I)
DB0–DB11 (I)
t14
t15
t13
Figure 12. Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com