Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7721 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7721
Description  CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7721 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7721 Datasheet HTML 8Page - Analog Devices AD7721 Datasheet HTML 9Page - Analog Devices AD7721 Datasheet HTML 10Page - Analog Devices AD7721 Datasheet HTML 11Page - Analog Devices AD7721 Datasheet HTML 12Page - Analog Devices AD7721 Datasheet HTML 13Page - Analog Devices AD7721 Datasheet HTML 14Page - Analog Devices AD7721 Datasheet HTML 15Page - Analog Devices AD7721 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7721
REV. A
–14–
Parallel Interface
In parallel mode, the
DRDY signal is still available. This signal
can be used to generate an interrupt in the DSP as
DRDY goes
high for two clock cycles when a conversion is complete. Data
is available from the AD7721 every 32 CLK cycles. The ADC
outputs the 12-bit digital word automatically. Hence, latches are
needed into which the 12-bit parallel word can be transferred.
Because
RD and CS are permanently tied to DGND when the
ADC is performing A-to-D conversions, some further glue logic
is needed to interface the AD7721 to a DSP in parallel mode.
When a digital word is available from the AD7721, it will be
automatically transferred to the latches. The
DRDY signal
informs the DSP that a new word is available to be read. The
DSP then reads the word from the latches. By using the
latches, the microprocessor is free to perform other tasks be-
tween reads from the AD7721.
When using the parallel mode,
CS and RD should be permanently
tied to DGND,
RD being taken high only when a control word
is being written to the AD7721.
CS and RD should not be
pulsed, as is the procedure with other ADCs, as the specifications
for the device will degrade and the part may become unstable.
CS
DSP
RD
WR
INTERRUPT
AD7721
DRDY
WR
RD
CS
1Y1
1Y2
1Y3
2Y1
2Y2
2Y3
2Y4
HC244
1G 2G 1A1
1A2
1A3
1A4
2A1
2A2
2A3
2A4
1Y4
DECODE
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1Y1
1Y3
2A1
2A2
2A3
2A4
HC244
1G 2G 1A1
1A2
1A3
1A4
2Y1
2Y2
2Y3
2Y4
1Y4
1Y2
Figure 16. Interfacing the AD7721 to a Microprocessor in
Parallel Mode
AD7721 to ADSP-21xx Interface
Figure 17 shows the AD7721 to ADSP-21xx interface.
DRDY
is used to interrupt the DSP when a conversion is complete and
the HC244 latches contain a new word. The
WR signal from
the DSP is used to drive both the
RD and WR inputs of the
AD7721 since
RD will be tied low at all times except when the
control register of the device is being written to. The
RD signal
of the DSP is used to enable the outputs of the latches so that
the 12 bit word can be read into the DSP. Two 8-bit latches
are used. Twelve of the latches are used to hold the 12-bit
conversion from the AD7721. The remaining four latches are
used to hold the control information being transferred from the
DSP to the AD7721. When a control word is being written to
the AD7721, Bits 4 to 6 and Bits 9 to 10, which are test bits,
need to be loaded with zeros. Therefore, pull-down resistors
are used so that Pins 4 to 6 and 9 to 10 are tied to ground when
the control register is being loaded.
CS
AD7721
DRDY
WR
RD
CS
1Y1
1Y2
1Y3
2Y1
2Y2
2Y3
2Y4
HC244
1G 2G 1A1
1A2
1A3
1A4
2A1
2A2
2A3
2A4
1Y4
1Y1
1Y2
1Y3
2A1
2A2
2A3
2A4
HC244
1G 2G 1A1
1A2
1A3
1A4
2Y1
2Y2
2Y3
2Y4
1Y4
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RD
WR
ADSP-21xx
DMD11–DMD
DMA13–DMA0
IRQ
DMS
EN ADDR
DECODE
Figure 17. AD7721 to ADSP-21xx Interface
AD7721 to DSP56002 Interface
Figure 18 shows the AD7721 to DSP56002 interface. The
connections for the DSP56002 are similar to those for the
ADSP-21xx family. The diagram shows the connections for
the DSP56002, but the connections for the DSP56000 and
DSP56001 are similar.
CS
AD7721
DRDY
WR
RD
CS
1Y1
1Y2
1Y3
2Y1
2Y2
2Y3
2Y4
HC244
1G 2G 1A1
1A2
1A3
1A4
2A1
2A2
2A3
2A4
1Y4
1Y1
1Y2
1Y3
2A1
2A2
2A3
2A4
HC244
1G 2G 1A1
1A2
1A3
1A4
2Y1
2Y2
2Y3
2Y4
1Y4
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RD
WR
IRQ
A15–A0
D11–D0
DS
DSP56002
EN ADDR
DECODE
Figure 18. AD7721 to DSP56002 Interface
AD7721 to TMS320C20/C25/C5x Interface
Figure 19 shows the AD7721 to TMS320C20/C25 interface
while Figure 20 shows the AD7721 to TMS320C5x interface.
Again, the interface is similar to that of the ADSP-21xx. However,
the TMS320C20/C25 has a common RD/
W pin. This output
is decoded using the
STRB pin. The TMS320C5x has a RD/W
pin also so external glue logic can be used to decode the RD/
W
pin as done for the C20 and C25. An alternative is to use the
RD and WE pins of the C5x. Using these outputs, WE oper-
ates as the
WR signal while RD functions as the RD signal.
Also, additional glue logic is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com