Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7721 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7721
Description  CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7721 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7721 Datasheet HTML 3Page - Analog Devices AD7721 Datasheet HTML 4Page - Analog Devices AD7721 Datasheet HTML 5Page - Analog Devices AD7721 Datasheet HTML 6Page - Analog Devices AD7721 Datasheet HTML 7Page - Analog Devices AD7721 Datasheet HTML 8Page - Analog Devices AD7721 Datasheet HTML 9Page - Analog Devices AD7721 Datasheet HTML 10Page - Analog Devices AD7721 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7721
REV. A
–7–
Parallel Mode Only
Mnemonic
Function
CS
Chip Select Logic Input.
RD
Read Logic Input. This digital input is used in conjunction with
CS to read data from the device.
WR
Write Logic Input. This digital input is used in conjunction with
CS to write data to the control register.
DRDY
In parallel interface mode, a falling edge on
DRDY indicates that new data is available to be read from the
interface. During a synchronization or calibration cycle,
DRDY remains high until valid data is available.
DVAL/
SYNC
The function of this pin is determined by the state of bit DB3 in the control register. Writing a logic zero to
bit DB3 will program this pin to be a DVAL output. Writing a logic one to bit DB3 will program this pin to
be a
SYNC input pin.
A rising edge on
SYNC starts the synchronization cycle. SYNC must be pulsed low for at least one clock
cycle.
When switching this pin from
SYNC mode to DVAL mode, it is important that there are no rising edges on
the pin which could cause resynchronization. For this purpose, an internal pull-up resistor has been included
on this pin. Thus, when the external driver driving this pin in
SYNC mode is switched off, the DVAL/SYNC
pin remains high.
SDATA/DB11–
These pins are both data outputs and control register inputs. Output data is placed on these pins by taking
STBY/DB0
RD and CS low. Data on these pins is read into the control register by toggling WR low with CS low. With
RD high, these pins are high impedance.
Control functions such as CAL,
UNI and STBY, which are available as pins in serial mode, are available as bits in parallel mode.
Table I lists the contents of the control register onboard the AD7721. This register is written to in parallel mode using the
WR pin.
Table I. Function of Control Register Bits
Control
Register
Logical
Bit
Function
State
Mode
DB0
STBY
0
Normal Operation.
1
Power-Down (Standby) Mode.
DB1
CAL
0
Normal Operation.
1
Writing a Logic “1” to this bit starts a calibration cycle. Internal logic resets this bit to zero at the end of
calibration.
DB2
UNI
0
Unipolar Mode.
1
Bipolar Mode.
DB3
DVAL/
SYNC
0
Sets DVAL/
SYNC Pin to DVAL Mode.
1
Sets DVAL/
SYNC Pin to SYNC Mode.
DB9
0
This bit is used for testing the AD7721. A logic low MUST be written into this bit for normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com