Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8026 Datasheet (PDF) - Analog Devices

AD8026 Datasheet PDF - Analog Devices
Part # AD8026
Download  AD8026 Download
File Size   217.88 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad High Speed Amplifier

AD8026 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8026 Datasheet PDF - Analog Devices

Part # AD8026
Download  AD8026 Click to download

File Size   217.88 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad High Speed Amplifier

AD8026 Datasheet (HTML) - Analog Devices


AD8026 Product details

PRODUCT DESCRIPTION
The AD8026 is a complete low cost, closed loop, voltage feedback, quad amplifier. Precision trimmed resistors set a fixed RF/RG ratio of 5/3 to a typical gain accuracy of 0.02%. Manufactured on ADI’s proprietary XFCB high speed bipolar process, which enables the output drivers to settle to within 0.1% within 55 ns into a 100 pF load (4 V swing) and drive output voltages to rated settling time to within 0.5 V from the rail. The typical 3 dB bandwidth is 60 MHz, at G = +2.67. The AD8026 is laser trimmed to produce both exceptional offset and gain performance.
The low settling time, high slew rate, low offset and rail-to-rail output voltage drive capability makes the AD8026 ideal for driving LCD displays.
The AD8026 is available in a 14-lead SOIC package.

FEATURES
   Voltage Feedback, Rail-to-Rail Output
   Rated Settling Time to Within 0.5 V of Supply Rail
   Quad High Speed Amplifier
      Settling Time to 0.1% of 55 ns (4 V Swing, CL = 100 pF)
      Slew Rate 135 V/μs (4 V Swing)
   –3 dB Bandwidth 60 MHz
      Fixed Gain Resistors for High DC Accuracy
      Low Voltage Offset 0.5 mV RTO Typical
   Gain Error Less than 0.05%
   Low Supply Current 3.4 mA
   Nominal +12 V Supply
   14-Lead SOIC Package

APPLICATIONS
   LCD Source Drivers
   CD DVD
   CDR




Similar Part No. - AD8026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8026 AD-AD8026_15 Datasheet
221Kb / 8P
Quad High Speed Amplifier
REV. 0
More results


Similar Description - AD8026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
High Speed, Current Feedback Quad Operational Amplifier
logo
Elantec Semiconductor
EL2423 ELANTEC-EL2423 Datasheet
696Kb / 9P
Quad De-Compensated High Speed Operational Amplifier
logo
Analog Devices
OP467 AD-OP467_07 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
logo
New Japan Radio
NJM2744 NJRC-NJM2744 Datasheet
516Kb / 9P
High Speed Single Supply Quad Operational Amplifier
logo
Analog Devices
AD8026 AD-AD8026_15 Datasheet
221Kb / 8P
Quad High Speed Amplifier
REV. 0
OP467 AD-OP467_15 Datasheet
488Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev.
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
Quad High-Speed Precision OPERATIONAL AMPLIFIER
logo
Analog Devices
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com