Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8026 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8026
Description  Quad High Speed Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8026 Datasheet(HTML) 2 Page - Analog Devices

  AD8026 Datasheet HTML 1Page - Analog Devices AD8026 Datasheet HTML 2Page - Analog Devices AD8026 Datasheet HTML 3Page - Analog Devices AD8026 Datasheet HTML 4Page - Analog Devices AD8026 Datasheet HTML 5Page - Analog Devices AD8026 Datasheet HTML 6Page - Analog Devices AD8026 Datasheet HTML 7Page - Analog Devices AD8026 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
AD8026–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
VIN = 50 mV rms
RL = 1 k
Ω
20
60
MHz
Bandwidth for 0.1 dB Flatness
VIN = 50 mV rms
RL = 1 k
Ω
12
MHz
Slew Rate
VO = 4 V Step
135
V/
µs
Full Power Response
VO = 2 V p-p
10
MHz
Settling Time to 0.1%
VO = 4 V Step, CL = 100 pF,
RS = 50
Ω
55
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p,
RL = 1 kΩ
–60
dBc
Voltage Noise (RTO)1
f = 10 kHz
67
nV/
√Hz
Crosstalk, Output to Output
f = 5 MHz, VO = 2 V p-p,
RL = 1 kΩ
–80
dB
Differential Gain Error
NTSC RL = 1 kΩ
0.02
%
Differential Phase Error
NTSC RL = 1 kΩ
0.02
Degrees
DC PERFORMANCE
RTO Offset Voltage2
VIN = 0 V
0.5
5.5
mV
TMIN to TMAX
6mV
RTO Offset Drift
10
µV/°C
+Input Bias Current
0.6
1.6
µA
Closed-Loop Gain Error3
RL = 10 k
Ω, –2.67 < V
O < +2.67
–0.02
0.05
%
TMIN to TMAX
0.05
%
Gain Matching
Channel-to-Channel, RL = 10 k
Ω
0.03
%
INPUT CHARACTERISTICS
+Input Resistance
170
k
Ω
+Input Capacitance
2.5
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 k
Ω, V
CC – VOH, VEE + VOL
0.2
0.25
V
Short Circuit Output Current
175
mA
POWER SUPPLY
Operating Range4
13
V
Quiescent Current/Amp
3.2
3.4
mA/Amp
Power Supply Rejection Ratio (RTO)
+VS = 5.5 V to 6.5 V, –VS = –6 V
48
60
dB
–VS = –5.5 V to –6.5 V, +VS = 6 V
48
65
dB
OPERATING TEMPERATURE RANGE
0
+70
°C
NOTES
1Includes gain resistor thermal noise.
2RTO offset includes effects of input voltage offset, input current, and input offset current.
3Measured in the inverting mode.
4Observe Absolute Maximum Ratings.
Specifications subject to change without notice.
(@ +25 C, VS =
6 V, RI = 500
, RL = 10 k , RF = 5K, RG = 3K Noninverting
Configuration, TMIN = 0 C, TMAX = +70 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com