Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8026 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8026
Description  Quad High Speed Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8026 Datasheet(HTML) 4 Page - Analog Devices

  AD8026 Datasheet HTML 1Page - Analog Devices AD8026 Datasheet HTML 2Page - Analog Devices AD8026 Datasheet HTML 3Page - Analog Devices AD8026 Datasheet HTML 4Page - Analog Devices AD8026 Datasheet HTML 5Page - Analog Devices AD8026 Datasheet HTML 6Page - Analog Devices AD8026 Datasheet HTML 7Page - Analog Devices AD8026 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8026–Typical Performance Characteristics
–4–
REV. 0
FREQUENCY – Hz
0.5
0.4
–0.5
0.1
–0.2
–0.3
–0.4
0.3
0.2
–0.1
0
100k
500M
1M
10M
100M
–8
2
1
0
–1
–2
–3
–4
–5
–6
–7
VIN = 50mV rms
RL = 1k
RS = 0
CL = 0pF
Figure 3. Small Signal Bandwidth and 0.1 dB Flatness
20mV/DIV
25mV/DIV
50ns/DIV
VOUT = 100mV
VIN = 37.5mV
RL = 10k
Figure 4. 100 mV Step Response
TIME – ns
0
20
40
60
80
100 120 140 160 180
VIN = 4V STEP
RL = 10k
RS = 50
CL = 100pF
Figure 5. Short-Term Settling Time
FREQUENCY – Hz
100k
500M
1M
10M
100M
VIN = 2.0V p-p
RL = 1k
–8.5
–5.5
–2.5
0.5
3.5
6.5
9.5
12.5
15.5
18.5
21.5
VIN = 1.0V p-p
VIN = 0.5V p-p
VIN = 0.25V p-p
Figure 6. Large Signal Bandwidth
FREQUENCY – Hz
100k
500M
1M
10M
100M
CL = 100pF
CL = 200pF
CL = 300pF
VIN = 50mV rms
RL = 1k
RS = 25
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
Figure 7. Cap Load vs. Frequency
FREQUENCY – Hz
0
–20
–120
100k
100M
1M
10M
–40
–60
–80
–100
VOUT = 2V p-p
RL = 1k
Figure 8. Crosstalk (Output-to-Output) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com