Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8565 Datasheet (PDF) - Analog Devices

AD8565 Datasheet PDF - Analog Devices
Part # AD8565
Download  AD8565 Download
File Size   152.56 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Rail-to-Rail Operational Amplifiers

AD8565 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8565 Datasheet PDF - Analog Devices

Part # AD8565
Download  AD8565 Click to download

File Size   152.56 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Rail-to-Rail Operational Amplifiers

AD8565 Datasheet (HTML) - Analog Devices


AD8565 Product details

GENERAL DESCRIPTION
The AD8565, AD8566, and AD8567 are low cost, single-supply, rail-to-rail input and output operational amplifiers optimized for LCD monitor applications. They are built on an advanced high voltage CBCMOS process. The AD8565 contains a single amplifier, the AD8566 has two amplifiers, and the AD8567 has four amplifiers.

FEATURES
   Single-supply operation: 4.5 V to 16 V
   Input capability beyond the rails
   Rail-to-rail output swing
   Continuous output current: 35 mA
   Peak output current: 250 mA
   Offset voltage: 10 mV
   Slew rate: 6 V/μs
   Unity gain stable with large capacitive loads
   Supply current: 700 μA per amplifier

APPLICATIONS
   LCD reference drivers
   Portable electronics
   Communications equipment




Similar Part No. - AD8565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
AD8565AKS-R2 AD-AD8565AKS-R2 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565AKS-REEL7 AD-AD8565AKS-REEL7 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565AKSZ-REEL7 AD-AD8565AKSZ-REEL7 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
More results


Similar Description - AD8565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Analog Devices
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com