Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8565 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8565
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8565 Datasheet(HTML) 4 Page - Analog Devices

  AD8565 Datasheet HTML 1Page - Analog Devices AD8565 Datasheet HTML 2Page - Analog Devices AD8565 Datasheet HTML 3Page - Analog Devices AD8565 Datasheet HTML 4Page - Analog Devices AD8565 Datasheet HTML 5Page - Analog Devices AD8565 Datasheet HTML 6Page - Analog Devices AD8565 Datasheet HTML 7Page - Analog Devices AD8565 Datasheet HTML 8Page - Analog Devices AD8565 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8565/AD8566/AD8567
–4–
REV. A
–Typical Performance Characteristics
TEMPERATURE – C
0
0.25
1.50
40
25
85
0.50
0.75
1.00
1.25
VCM = VS/2
VS = 16V
VS = 4.5V
TPC 1. Input Offset Voltage vs. Temperature
FREQUENCY – Hz
10
1
0.1
10
10k
100
1k
4.5V
VS
16V
TA = 25 C
TPC 2. Current Noise Density vs. Frequency
FREQUENCY – 1 s/DIV
VS = 16V
RL = 10k
CL = 100pF
AV = +1
TA = 25 C
TPC 3. Small Signal Transient Response
FREQUENCY – Hz
1000
100
1
10
10k
100
1k
4.5V
VS
16V
TA = 25 C
10
TPC 4. Voltage Noise Density vs. Frequency
SUPPLY VOLTAGE – V
1.0
0.8
0
018
2
4
6
8
10
12
14
16
0.6
0.4
0.2
VO = VS/2
AV = +1
TA = 25 C
TPC 5. Supply Current/Amplifier vs. Supply Voltage
TEMPERATURE – C
0.80
0.75
0.50
40
25
85
0.70
0.65
0.60
0.55
VCM = VS/2
VS = 16V
VS = 4.5V
TPC 6. Supply Current/Amplifier vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com