Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8565 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8565
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8565 Datasheet(HTML) 3 Page - Analog Devices

  AD8565 Datasheet HTML 1Page - Analog Devices AD8565 Datasheet HTML 2Page - Analog Devices AD8565 Datasheet HTML 3Page - Analog Devices AD8565 Datasheet HTML 4Page - Analog Devices AD8565 Datasheet HTML 5Page - Analog Devices AD8565 Datasheet HTML 6Page - Analog Devices AD8565 Datasheet HTML 7Page - Analog Devices AD8565 Datasheet HTML 8Page - Analog Devices AD8565 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD8565/AD8566/AD8567
–3–
REV. A
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to VS + 0.5 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8565/AD8566/AD8567 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Branding
Model*
Range
Package Description
Option
Information
AD8565AKS
–40
°C to +85°C
5-Lead Plastic Surface-Mount
KS-5
ASA
AD8566ARM
–40
°C to +85°C
8-Lead MINI_SOIC
RM-8
ATA
AD8567ARU
–40
°C to +85°C
14-Lead Thin Shrink SO
RU-14
AD8567ACP
–40
°C to +85°C
16-Terminal Leadless Frame Chip Scale
CP-16
*Available in reels only.
Package Type
JA
1
JC
Unit
5-Lead SC70 (KS)
376
126
°C/W
8-Lead MSOP (RM)
210
45
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
16-Lead LFCSP (CP)
38
2
30
2
°C/W
NOTES
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
onto a circuit board for surface mount packages.
2DAP is soldered down to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com