Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOC2417 Datasheet (PDF) - Alpha & Omega Semiconductors

AOC2417 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOC2417
Download  AOC2417 Download
File Size   250.78 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V P-Channel MOSFET

AOC2417 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOC2417 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOC2417
Download  AOC2417 Click to download

File Size   250.78 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V P-Channel MOSFET

AOC2417 Datasheet (HTML) - Alpha & Omega Semiconductors


AOC2417 Product details

General Description
The AOC2417 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V while retaining a 12V VGS(MAX) rating.

Product Summary
    VDS                                           -20V
    ID (at VGS=-10V)                      -3.5A
    RDS(ON) (at VGS=-10V)        < 32mΩ
    RDS(ON) (at VGS=-4.5V)       < 38mΩ
    RDS(ON) (at VGS=-2.5V)       < 50mΩ

    Typical ESD protection      HBM Class 2




Similar Part No. - AOC2417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2411 AOSMD-AOC2411 Datasheet
208Kb / 4P
30V P-Channel MOSFET
AOC2412 AOSMD-AOC2412 Datasheet
227Kb / 5P
20V N-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
8V N-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
More results


Similar Description - AOC2417

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM2301 TSC-TSM2301_07 Datasheet
346Kb / 6P
20V P-Channel MOSFET
TSM3441 TSC-TSM3441_07 Datasheet
392Kb / 6P
20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
20V P-Channel MOSFET
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com