Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOC2412 Datasheet (PDF) - Alpha & Omega Semiconductors

AOC2412 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOC2412
Download  AOC2412 Download
File Size   227.67 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AOC2412 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOC2412 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOC2412
Download  AOC2412 Click to download

File Size   227.67 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AOC2412 Datasheet (HTML) - Alpha & Omega Semiconductors


AOC2412 Product details

General Description
The AOC2412 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V while retaining a 8V VGS(MAX) rating.

Product Summary
    VDS                                 20V
    ID (at VGS=4.5V)            4.5A
    RDS(ON) (at VGS=4.5V) < 23mΩ
    RDS(ON) (at VGS=2.5V) < 26mΩ
    RDS(ON) (at VGS=1.8V) < 30mΩ

    Typical ESD protection HBM Class 3A




Similar Part No. - AOC2412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2411 AOSMD-AOC2411 Datasheet
208Kb / 4P
30V P-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
8V N-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AOC2417 AOSMD-AOC2417 Datasheet
250Kb / 5P
20V P-Channel MOSFET
Rev 0 : Nov. 2012
More results


Similar Description - AOC2412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com