Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOC2413 Datasheet (PDF) - Alpha & Omega Semiconductors

AOC2413 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOC2413
Download  AOC2413 Download
File Size   253.21 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8V P-Channel MOSFET

AOC2413 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOC2413 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOC2413
Download  AOC2413 Click to download

File Size   253.21 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8V P-Channel MOSFET

AOC2413 Datasheet (HTML) - Alpha & Omega Semiconductors


AOC2413 Product details

General Description
The AOC2413 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.2V while retaining a 5V VGS(MAX) rating.

Product Summary
    VDS                                            -8V
    ID (at VGS=-2.5V)                      -3.5A
    RDS(ON) (at VGS=-2.5V)        < 28mΩ
    RDS(ON) (at VGS=-1.8V)        < 32mΩ
    RDS(ON) (at VGS=-1.5V)        < 37mΩ
    RDS(ON) (at VGS=-1.2V)        < 47mΩ
   
    Typical ESD protection        HBM Class 3A




Similar Part No. - AOC2413

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2411 AOSMD-AOC2411 Datasheet
208Kb / 4P
30V P-Channel MOSFET
AOC2412 AOSMD-AOC2412 Datasheet
227Kb / 5P
20V N-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
8V N-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AOC2417 AOSMD-AOC2417 Datasheet
250Kb / 5P
20V P-Channel MOSFET
Rev 0 : Nov. 2012
More results


Similar Description - AOC2413

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
8V N-Channel MOSFET
AOC2421 AOSMD-AOC2421 Datasheet
257Kb / 5P
8V P-Channel MOSFET
AOC2422 AOSMD-AOC2422 Datasheet
244Kb / 5P
8V N-Channel MOSFET
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
8V P-Channel MOSFET
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G_15 Datasheet
499Kb / 5P
8V P-Channel Enhancement-Mode MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com