Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOC2422 Datasheet (PDF) - Alpha & Omega Semiconductors

AOC2422 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOC2422
Download  AOC2422 Download
File Size   244.7 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8V N-Channel MOSFET

AOC2422 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOC2422 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOC2422
Download  AOC2422 Click to download

File Size   244.7 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8V N-Channel MOSFET

AOC2422 Datasheet (HTML) - Alpha & Omega Semiconductors


AOC2422 Product details

General Description
The AOC2422 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.2V while retaining a 5V VGS(MAX) rating.

Product Summary
    VDS                                     8V
    ID (at VGS=2.5V)                3.5A
    RDS(ON) (at VGS=2.5V) < 33mΩ
    RDS(ON) (at VGS=1.8V) < 38mΩ
    RDS(ON) (at VGS=1.5V) < 43mΩ
    RDS(ON) (at VGS=1.2V) < 58mΩ

    Typical ESD protection     HBM Class 2




Similar Part No. - AOC2422

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2421 AOSMD-AOC2421 Datasheet
257Kb / 5P
8V P-Channel MOSFET
AOC2423 AOSMD-AOC2423 Datasheet
255Kb / 5P
20V P-Channel MOSFET
More results


Similar Description - AOC2422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
logo
Alpha & Omega Semicondu...
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
8V N-Channel MOSFET
AOC2421 AOSMD-AOC2421 Datasheet
257Kb / 5P
8V P-Channel MOSFET
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
8V P-Channel MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G_15 Datasheet
499Kb / 5P
8V P-Channel Enhancement-Mode MOSFET
logo
IXYS Corporation
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
8V Output Solar Cell
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com