Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON2401 Datasheet (PDF) - Alpha & Omega Semiconductors

AON2401 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON2401
Download  AON2401 Download
File Size   245.83 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8V P-Channel MOSFET

AON2401 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON2401 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON2401
Download  AON2401 Click to download

File Size   245.83 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8V P-Channel MOSFET

AON2401 Datasheet (HTML) - Alpha & Omega Semiconductors


AON2401 Product details

General Description
The AON2401 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                          -8V
    ID (at VGS=-2.5V)                    -8A
    RDS(ON) (at VGS =-2.5V) < 22mΩ
    RDS(ON) (at VGS =-1.8V) < 28mΩ
    RDS(ON) (at VGS =-1.5V) < 36mΩ
    RDS(ON) (at VGS =-1.2V) < 53mΩ




Similar Part No. - AON2401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
12V P-Channel MOSFET
AON2405 AOSMD-AON2405 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON2406 AOSMD-AON2406 Datasheet
252Kb / 5P
20V N-Channel MOSFET
AON2407 AOSMD-AON2407 Datasheet
265Kb / 5P
30V P-Channel MOSFET
More results


Similar Description - AON2401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
8V N-Channel MOSFET
AOC2421 AOSMD-AOC2421 Datasheet
257Kb / 5P
8V P-Channel MOSFET
AOC2422 AOSMD-AOC2422 Datasheet
244Kb / 5P
8V N-Channel MOSFET
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G_15 Datasheet
499Kb / 5P
8V P-Channel Enhancement-Mode MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com