Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON2403 Datasheet (PDF) - Alpha & Omega Semiconductors

AON2403 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON2403
Download  AON2403 Download
File Size   227.11 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 12V P-Channel MOSFET

AON2403 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON2403 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON2403
Download  AON2403 Click to download

File Size   227.11 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 12V P-Channel MOSFET

AON2403 Datasheet (HTML) - Alpha & Omega Semiconductors


AON2403 Product details

General Description
The AON2403 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                       -12V
    ID (at VGS=-4.5V)                  -8A
    RDS(ON) (at VGS =-4.5V) < 21mΩ
    RDS(ON) (at VGS =-2.5V) < 28mΩ
    RDS(ON) (at VGS =-1.8V) < 40mΩ
    RDS(ON) (at VGS =-1.5V) < 54mΩ




Similar Part No. - AON2403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
8V P-Channel MOSFET
AON2405 AOSMD-AON2405 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON2406 AOSMD-AON2406 Datasheet
252Kb / 5P
20V N-Channel MOSFET
AON2407 AOSMD-AON2407 Datasheet
265Kb / 5P
30V P-Channel MOSFET
More results


Similar Description - AON2403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4437 AOSMD-AO4437_10 Datasheet
170Kb / 4P
12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4437 WHXPCB-AO4437 Datasheet
1Mb / 4P
12V P-Channel MOSFET
AO4453 WHXPCB-AO4453 Datasheet
2Mb / 6P
12V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1221J2 GOOD-ARK-SSF1221J2_15 Datasheet
427Kb / 5P
12V P-Channel MOSFET
SSF1221J2 GOOD-ARK-SSF1221J2 Datasheet
427Kb / 5P
12V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON2411 AOSMD-AON2411 Datasheet
259Kb / 5P
12V P-Channel MOSFET
logo
First Silicon Co., Ltd
FTK3218DFN22 FS-FTK3218DFN22 Datasheet
632Kb / 6P
12V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IRLML6401TRPBF TECHPUBLIC-IRLML6401TRPBF Datasheet
984Kb / 3P
-12V P-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com