Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4453 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4453 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4453
Download  AO4453 Download
File Size   2591.86 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 12V P-Channel MOSFET

AO4453 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4453 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4453
Download  AO4453 Click to download

File Size   2591.86 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 12V P-Channel MOSFET

AO4453 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4453 Product details

General Description
The AO4453 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.
   
Product Summary
    VDS                                         -12V
    ID (at VGS=-4.5V)                     -9A
    RDS(ON) (at VGS =-4.5V) < 19mΩ
    RDS(ON) (at VGS =-3.3V) < 22mΩ
    RDS(ON) (at VGS =-2.5V) < 26mΩ
    RDS(ON) (at VGS =-1.8V) < 36mΩ
    RDS(ON) (at VGS =-1.5V) < 50mΩ

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4453

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4453 AOSMD-AO4453 Datasheet
344Kb / 6P
12V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4453 KEXIN-AO4453 Datasheet
1Mb / 5P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4453 VBSEMI-AO4453 Datasheet
1Mb / 6P
P-Channel 12-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4453-HF KEXIN-AO4453-HF Datasheet
2Mb / 5P
P-Channel MOSFET
More results


Similar Description - AO4453

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4437 AOSMD-AO4437_10 Datasheet
170Kb / 4P
12V P-Channel MOSFET
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4437 WHXPCB-AO4437 Datasheet
1Mb / 4P
12V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1221J2 GOOD-ARK-SSF1221J2_15 Datasheet
427Kb / 5P
12V P-Channel MOSFET
SSF1221J2 GOOD-ARK-SSF1221J2 Datasheet
427Kb / 5P
12V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON2411 AOSMD-AON2411 Datasheet
259Kb / 5P
12V P-Channel MOSFET
logo
First Silicon Co., Ltd
FTK3218DFN22 FS-FTK3218DFN22 Datasheet
632Kb / 6P
12V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IRLML6401TRPBF TECHPUBLIC-IRLML6401TRPBF Datasheet
984Kb / 3P
-12V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com