Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4437 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4437 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4437
Download  AO4437 Download
File Size   1696.83 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 12V P-Channel MOSFET

AO4437 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4437 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4437
Download  AO4437 Click to download

File Size   1696.83 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 12V P-Channel MOSFET

AO4437 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4437 Product details

General Description
The AO4437 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V. This device is suitable for use as a load switch or in PWM applications. It is ESD protected.

Product Summary
   VDS (V) = -12V
   ID = -11 A (VGS = -4.5V)
   RDS(ON) < 16mΩ (VGS = -4.5V)
   RDS(ON) < 20mΩ (VGS = -2.5V)
   RDS(ON) < 25mΩ (VGS = -1.8V)
   ESD Rating: 4KV HBM

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4437

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4437 AOSMD-AO4437 Datasheet
115Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
AO4437 AOSMD-AO4437 Datasheet
170Kb / 4P
12V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4437 KEXIN-AO4437 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4437 VBSEMI-AO4437 Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4437-HF KEXIN-AO4437-HF Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Similar Description - AO4437

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4437 AOSMD-AO4437_10 Datasheet
170Kb / 4P
12V P-Channel MOSFET
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4453 WHXPCB-AO4453 Datasheet
2Mb / 6P
12V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1221J2 GOOD-ARK-SSF1221J2_15 Datasheet
427Kb / 5P
12V P-Channel MOSFET
SSF1221J2 GOOD-ARK-SSF1221J2 Datasheet
427Kb / 5P
12V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON2411 AOSMD-AON2411 Datasheet
259Kb / 5P
12V P-Channel MOSFET
logo
First Silicon Co., Ltd
FTK3218DFN22 FS-FTK3218DFN22 Datasheet
632Kb / 6P
12V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IRLML6401TRPBF TECHPUBLIC-IRLML6401TRPBF Datasheet
984Kb / 3P
-12V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com