Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK3218DFN22 Datasheet (PDF) - First Silicon Co., Ltd

FTK3218DFN22 Datasheet PDF - First Silicon Co., Ltd
Part # FTK3218DFN22
Download  FTK3218DFN22 Download
File Size   632.12 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 12V P-Channel MOSFET

FTK3218DFN22 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK3218DFN22 Datasheet PDF - First Silicon Co., Ltd

Part # FTK3218DFN22
Download  FTK3218DFN22 Click to download

File Size   632.12 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 12V P-Channel MOSFET

FTK3218DFN22 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTK3218DFN22

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3010HNN FS-FTK3010HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
FTK3018 FS-FTK3018 Datasheet
309Kb / 5P
Silicon N-channel MOSFET 100mA, 30V
FTK3043N FS-FTK3043N Datasheet
361Kb / 5P
20V, 285mA, N?묬hannel with ESD Protection, SOT??23
FTK3043P FS-FTK3043P Datasheet
318Kb / 5P
20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
More results


Similar Description - FTK3218DFN22

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4437 AOSMD-AO4437_10 Datasheet
170Kb / 4P
12V P-Channel MOSFET
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4437 WHXPCB-AO4437 Datasheet
1Mb / 4P
12V P-Channel MOSFET
AO4453 WHXPCB-AO4453 Datasheet
2Mb / 6P
12V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1221J2 GOOD-ARK-SSF1221J2_15 Datasheet
427Kb / 5P
12V P-Channel MOSFET
SSF1221J2 GOOD-ARK-SSF1221J2 Datasheet
427Kb / 5P
12V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON2411 AOSMD-AON2411 Datasheet
259Kb / 5P
12V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IRLML6401TRPBF TECHPUBLIC-IRLML6401TRPBF Datasheet
984Kb / 3P
-12V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com