Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON2406 Datasheet (PDF) - Alpha & Omega Semiconductors

AON2406 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON2406
Download  AON2406 Download
File Size   252.94 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AON2406 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON2406 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON2406
Download  AON2406 Click to download

File Size   252.94 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AON2406 Datasheet (HTML) - Alpha & Omega Semiconductors


AON2406 Product details

General Description
The AON2406 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                     20V
    ID (at VGS=4.5V)                8A
    RDS(ON) (at VGS=4.5V) < 12.5mΩ
    RDS(ON) (at VGS=2.5V) < 15mΩ
    RDS(ON) (at VGS=1.8V) < 19mΩ
    RDS(ON) (at VGS=1.5V) < 24mΩ




Similar Part No. - AON2406

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
8V P-Channel MOSFET
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
12V P-Channel MOSFET
AON2405 AOSMD-AON2405 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON2407 AOSMD-AON2407 Datasheet
265Kb / 5P
30V P-Channel MOSFET
More results


Similar Description - AON2406

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com