Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4308 Datasheet (PDF) - EPCOS

B4308 Datasheet PDF - EPCOS
Part # B4308
Download  B4308 Download
File Size   94.16 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Unbalanced to balanced operation

B4308 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4308 Datasheet PDF - EPCOS

Part # B4308
Download  B4308 Click to download

File Size   94.16 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Unbalanced to balanced operation

B4308 Datasheet (HTML) - EPCOS


B4308 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5P
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ AEC-Q200 qualified component family (operable temperature range -40˚C to +85˚C)
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for GPS applications. Impedance transformation from 50 Ω to 100 Ω
■ Unbalanced to balanced operation
■ Very low insertion attenuation
■ Very high Tx-suppression
■ Low amplitude ripple
■ Usable passband 2 MHz




Similar Part No. - B4308

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081 EPCOS-B43081 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1107M000 EPCOS-B43081A1107M000 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1107M000 EPCOS-B43081A1107M000 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1107M001 EPCOS-B43081A1107M001 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1107M006 EPCOS-B43081A1107M006 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
More results


Similar Description - B4308

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3787 EPCOS-B3787 Datasheet
95Kb / 10P
Balanced and unbalanced operation possible
logo
Panasonic Semiconductor
EHFFD1750A PANASONIC-EHFFD1750A Datasheet
85Kb / 1P
Ultra miniaturized, thin type(1.6x0.8x t0.55) Balanced / Unbalanced Converter
logo
RF Micro Devices
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
300MHz to 6000MHz Operation
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
45MHz to 1200MHz Operation
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
45MHz to 1200MHz Operation
RFXF0009 RFMD-RFXF0009 Datasheet
296Kb / 4P
45MHz to 1200MHz Operation
logo
Pulse A Technitrol Comp...
BZ-H175S PULSE-BZ-H175S Datasheet
408Kb / 2P
Matches balanced 100廓 twisted pair cable to 75廓 unbalanced coaxial cable
logo
Marki Microwave
BAL-0106 MARKIMICROWAVE-BAL-0106 Datasheet
496Kb / 6P
1.2 to 6 GHz Balun (Balanced to Unbalanced Transformer)
BAL-0212 MARKIMICROWAVE-BAL-0212 Datasheet
496Kb / 6P
2.6 to 12 GHz Balun (Balanced to Unbalanced Transformer)
BAL-0520 MARKIMICROWAVE-BAL-0520 Datasheet
531Kb / 6P
5 to 20 GHz Balun (Balanced to Unbalanced Transformer)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com