Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON1620 Datasheet (PDF) - Alpha & Omega Semiconductors

AON1620 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON1620
Download  AON1620 Download
File Size   242.0 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 12V N-Channel MOSFET

AON1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON1620 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON1620
Download  AON1620 Click to download

File Size   242.0 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 12V N-Channel MOSFET

AON1620 Datasheet (HTML) - Alpha & Omega Semiconductors


AON1620 Product details

General Description
The AON1620 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                     12V
    ID (at VGS=4.5V)                 4A
    RDS(ON) (at VGS =4.5V) < 22mΩ
    RDS(ON) (at VGS =2.5V) < 27mΩ
    RDS(ON) (at VGS =1.8V) < 36mΩ

    Typical ESD protection HBM Class 2




Similar Part No. - AON1620

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1605 AOSMD-AON1605 Datasheet
270Kb / 5P
20V P-Channel MOSFET
AON1606 AOSMD-AON1606 Datasheet
242Kb / 5P
20V N-Channel MOSFET
AON1610 AOSMD-AON1610 Datasheet
60Kb / 3P
Plastic Encapsulated Device
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
20V P-Channel MOSFET
AON1634 AOSMD-AON1634 Datasheet
222Kb / 5P
30V N-Channel MOSFET
More results


Similar Description - AON1620

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN1260UFA DIODES-DMN1260UFA_15 Datasheet
372Kb / 6P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN1019UVT DIODES-DMN1019UVT_15 Datasheet
365Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1019UFDE DIODES-DMN1019UFDE_15 Datasheet
287Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
logo
NXP Semiconductors
PMCM4401VNE PHILIPS-PMCM4401VNE_15 Datasheet
325Kb / 15P
12V, N-channel Trench MOSFET
24 July 2015
logo
Diodes Incorporated
DMN1008UFDF DIODES-DMN1008UFDF Datasheet
573Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Nexperia B.V. All right...
PMCM4401VNE NEXPERIA-PMCM4401VNE Datasheet
729Kb / 15P
12V, N-channel Trench MOSFET
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com