Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1040 Datasheet (PDF) - Analog Devices

ADM1040 Datasheet PDF - Analog Devices
Part # ADM1040
Download  ADM1040 Download
File Size   42.77 Kbytes
Page   1 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Supply Monitor ASIC

ADM1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1040 Datasheet PDF - Analog Devices

Part # ADM1040
Download  ADM1040 Click to download

File Size   42.77 Kbytes
Page   1 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Supply Monitor ASIC

ADM1040 Datasheet (HTML) - Analog Devices


ADM1040 Product details

FEATURES
   Monitors Multiple Voltage Rails (240VA Limited)
   Monitors Bulk DC, Op-Amp Supply, 5V Supply
   Monitors Voltage Rails 1,2 and 3 Currents
   Up to 3 Fan Speed Measurement Channels
   Up to 6 General-Purpose Logic Inputs
   External Temperature Measurement with Remote Diode (Two Channels)
   On-Chip Temperature Sensor
   Limit Comparison of all Monitored Values
   Analog Fan Speed Control Output
   SMBusTM Compatible Serial Interface
   SMBus ALERT Capability
   512 Bytes On-Chip, Write-Protected E2PROM
   Shutdown Output for Overtemperature and

APPLICATIONS
   Network Servers and Personal Computers
   Microprocessor-Based Office Equipment
   Test Equipment and Measuring Instruments




Similar Part No. - ADM1040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
More results


Similar Description - ADM1040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
Low-Cost PC Hardware Monitor ASIC
REV.A
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
Power Supply Monitor
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
Power Supply Monitor
logo
ON Semiconductor
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
logo
Analog Devices
ADM709RARZ AD-ADM709RARZ Datasheet
232Kb / 4P
Power Supply Monitor with Resst
REV. 0
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
Power Supply Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com