Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1040 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1040
Description  Power Supply Monitor ASIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1040 Datasheet(HTML) 1 Page - Analog Devices

  ADM1040 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
=
PowerSupplyMonitorASIC
ADM1040
FEATURES
Monitors Multiple Voltage Rails (240VA Lim-
ited)
Monitors Bulk DC, Op-Amp Supply, 5V Supply
Monitors Voltage Rails 1,2 and 3 Currents
Up to 3 Fan Speed Measurement Channels
Up to 6 General-Purpose Logic Inputs
External Temperature Measurement with Remote
Diode (Two Channels)
On-Chip Temperature Sensor
Limit Comparison of all Monitored Values
FUNCTIONAL BLOCK DIAGRAM
REV. PrG 01/'01
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 2001
PreliminaryTechnicalData
SMBus is a trademark
Analog Fan Speed Control Output
SMBus
TM Compatible Serial Interface
SMBus ALERT Capability
512 Bytes On-Chip, Write-Protected E2PROM
Shutdown Output for Overtemperature and
240VA Faults
APPLICATIONS
Network Servers and Personal Computers
Microprocessor-Based Office Equipment
Test Equipment and Measuring Instruments
PRELIMINARY TECHNICAL DATA
INPUT
SIGNAL
CONDITIONING
AND
ANALOG
MULTIPLEXER
BANDGAP
REFERENCE
GND
SERIAL
BUS
INTERFACE
SCL
SDA
GPIO
REGISTERS
A0/NTEST_OUT
ADDRESS
POINTER
REGISTER
ADM1040
TEMPERATURE
CONFIGURATION
REGISTER
FAN
SPEED
COUNTER
8-BIT
ADC
8K BYTES
E2PROM
VDD/5VSB
GPI2/I2_+
GPI3/I2_-/AIN2
GPI4/I3_+
GPI5/I3_-
D1-/GPI2
D1+/GPI3
D2-/GPI4/FAN2
D2+/GPI5/FAN3
I1_+
I1_-/AIN1
AIN3
AIN4
AIN5
GPI0
FAN1/GPI1
VALUE AND
LIMIT
REGISTERS
LIMIT
COMPARATORS
INT MASK
REGISTERS
CONFIGURATION
REGISTERS
INTERRU PT
STATUS
REGISTERS
INTERRUPT
MASKING
ANALOG
OUTPUT REGISTER
AND 8-BIT DAC
ALERT
1
BANDGAP
TEMP.
SENSOR
4
5
7
9
10
11
12
13
14
15
16
17
18
19
20
21
VDD
A1
2
3
22
23
8
6
FROM NAND
TREE OUTPUT
TO NAND
TREE
ENABLE
24
SHDN
DAC/NTEST_IN


Similar Part No. - ADM1040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
More results

Similar Description - ADM1040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
Low-Cost PC Hardware Monitor ASIC
REV.A
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
Power Supply Monitor
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
Power Supply Monitor
logo
ON Semiconductor
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
logo
Analog Devices
ADM709RARZ AD-ADM709RARZ Datasheet
232Kb / 4P
Power Supply Monitor with Resst
REV. 0
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
Power Supply Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com