Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1051 Datasheet (PDF) - Analog Devices

ADM1051 Datasheet PDF - Analog Devices
Part # ADM1051
Download  ADM1051 Download
File Size   176.21 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Dual Voltage Regulator Controllers

ADM1051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1051 Datasheet PDF - Analog Devices

Part # ADM1051
Download  ADM1051 Click to download

File Size   176.21 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Dual Voltage Regulator Controllers

ADM1051 Datasheet (HTML) - Analog Devices


ADM1051 Product details

GENERAL DESCRIPTION
The ADM1051/ADM1051A are dual, precision, voltage regulator controllers intended for power rail generation and active bus termination on personal computer motherboards. They contain a precision 1.2 V bandgap reference and two channels consisting of control amplifiers driving external power devices. Each channel has a shutdown input to turn off amplifier output and Hiccup Mode protection circuitry for the external power device. The shutdown input on the 1.5 V channel can also be used with the TYPEDET signal on a PC motherboard to select the output voltage.

FEATURES
   Two Independent Controllers on One Chip
   1.515 V and 1.818 V Outputs
   Shutdown Inputs to Control Each Channel
   Compatible with PC Motherboard TYPEDET Signal
   ±2.5% Accuracy Over, Line, Load, and Temperature
   Low Quiescent Current
   Low Shutdown Current
   Works with External N-Channel MOSFETs for Low Cost
   “Hiccup Mode” Fault Protection
   No External Voltage or Current Setting Resistors
   1.8 V/3.3 V ICH Sequenced Power-Up on ADM1051A
   Small, 8-Lead SOIC Package

APPLICATIONS
   Desktop Computers
   Servers
   Workstations




Similar Part No. - ADM1051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
More results


Similar Description - ADM1051

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
Precision voltage regulator
1994 Aug 31
logo
Analog Devices
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
Precision Dual Voltage Regulator Controller
REV.A
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
Precision Voltage Regulator
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
Precision Voltage Regulator
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Analog Devices
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
Precision Dual Voltage Regulator Controller
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com