Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1052 Datasheet (PDF) - Analog Devices

ADM1052 Datasheet PDF - Analog Devices
Part # ADM1052
Download  ADM1052 Download
File Size   164.08 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Dual Voltage Regulator Controller

ADM1052 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1052 Datasheet PDF - Analog Devices

Part # ADM1052
Download  ADM1052 Click to download

File Size   164.08 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Dual Voltage Regulator Controller

ADM1052 Datasheet (HTML) - Analog Devices


ADM1052 Product details

GENERAL DESCRIPTION
The ADM1052 is a dual, precision, voltage regulator controller intended for power rail generation and active bus termination on personal computer motherboards. It contains a precision 1.2 V bandgap reference and two channels consisting of control amplifiers driving external power devices. Each channel has a shutdown input to turn off amplifier output and “Hiccup Mode” protection circuitry for the external power device.

FEATURES
    Two Independent Controllers on One Chip
    Two 2.525 V Outputs
    Shutdown Inputs to Control Each Channel
    ±2.5% Accuracy Over Line, Load, and Temperature
    Low Quiescent Current
    Low Shutdown Current
    Works with External N-Channel MOSFETs for Low Cost
    “Hiccup Mode” Fault Protection
    No External Voltage or Current Setting Resistors
    Small, 8-Lead SO Package

APPLICATIONS
    Desktop Computers
    Servers
    Workstations




Similar Part No. - ADM1052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
Precision Dual Voltage Regulator Controller
REV. A
More results


Similar Description - ADM1052

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
Precision voltage regulator
1994 Aug 31
logo
Analog Devices
ADM1051 AD-ADM1051 Datasheet
176Kb / 10P
Precision Dual Voltage Regulator Controllers
REV.0
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
Precision Voltage Regulator Controller
REV.A
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
Precision Voltage Regulator
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
Precision Voltage Regulator
logo
Analog Devices
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
Precision Dual Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
Precision Voltage Regulator Controller
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com