Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1052 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1052
Description  Precision Dual Voltage Regulator Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1052 Datasheet(HTML) 1 Page - Analog Devices

  ADM1052 Datasheet HTML 1Page - Analog Devices ADM1052 Datasheet HTML 2Page - Analog Devices ADM1052 Datasheet HTML 3Page - Analog Devices ADM1052 Datasheet HTML 4Page - Analog Devices ADM1052 Datasheet HTML 5Page - Analog Devices ADM1052 Datasheet HTML 6Page - Analog Devices ADM1052 Datasheet HTML 7Page - Analog Devices ADM1052 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1052
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Precision Dual Voltage
Regulator Controller
FEATURES
Two Independent Controllers on One Chip
Two 2.525 V Outputs
Shutdown Inputs to Control Each Channel
2.5% Accuracy Over Line, Load, and Temperature
Low Quiescent Current
Low Shutdown Current
Works with External N-Channel MOSFETs for Low Cost
“Hiccup Mode” Fault Protection
No External Voltage or Current Setting Resistors
Small, 8-Lead SO Package
APPLICATIONS
Desktop Computers
Servers
Workstations
GENERAL DESCRIPTION
The ADM1052 is a dual, precision, voltage regulator controller
intended for power rail generation and active bus termination
on personal computer motherboards. It contains a precision
1.2 V bandgap reference and two channels consisting of con-
trol amplifiers driving external power devices. Each channel has a
shutdown input to turn off amplifier output and “Hiccup Mode”
protection circuitry for the external power device.
The ADM1052 operates from a 12 V supply. This gives suffi-
cient headroom for the amplifiers to drive external N-channel
MOSFETs, operating as source-followers, as the external series
pass devices. This has the advantage that N-channel devices are
cheaper than P-channel devices of similar performance, and the
circuit is easier to stabilize than one using P-channel devices in
a common-source configuration.
FUNCTIONAL BLOCK DIAGRAM
SHDN1
VCC
BANDGAP
REFERENCE
SHUTDOWN
CONTROL
HICCUP
COMPARATOR
100 F
2
100 F
3.3V
VOUT1
CONTROL
AMPLIFIER
FORCE 1
SENSE 1
VCC
50 A
ADM1052
3.3V
VOUT2
FORCE 2
SENSE 2
SHDN2
VCC
SHUTDOWN
CONTROL
HICCUP
COMPARATOR
CONTROL
AMPLIFIER
50 A
GND
CLOCK
OSCILLATOR
POWER-ON
RESET
CLK/DELAY
GENERATOR
VCC
100 F
2
100 F


Similar Part No. - ADM1052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
Precision Dual Voltage Regulator Controller
REV. A
More results

Similar Description - ADM1052

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
Precision voltage regulator
1994 Aug 31
logo
Analog Devices
ADM1051 AD-ADM1051 Datasheet
176Kb / 10P
Precision Dual Voltage Regulator Controllers
REV.0
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
Precision Voltage Regulator Controller
REV.A
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
Precision Voltage Regulator
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
Precision Voltage Regulator
logo
Analog Devices
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
Precision Dual Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
Precision Voltage Regulator Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com