Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1052 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1052
Description  Precision Dual Voltage Regulator Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1052 Datasheet(HTML) 2 Page - Analog Devices

  ADM1052 Datasheet HTML 1Page - Analog Devices ADM1052 Datasheet HTML 2Page - Analog Devices ADM1052 Datasheet HTML 3Page - Analog Devices ADM1052 Datasheet HTML 4Page - Analog Devices ADM1052 Datasheet HTML 5Page - Analog Devices ADM1052 Datasheet HTML 6Page - Analog Devices ADM1052 Datasheet HTML 7Page - Analog Devices ADM1052 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
ADM1052–SPECIFICATIONS
(VCC = 12 V
6%, VIN = 3.3 V, TA = 0 C to 70 C, both channels, unless otherwise
noted. See Test Circuit.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
Channel 1, Channel 2
2.525
V
SHDN1, SHDN2 Floating
OUTPUT VOLTAGE ACCURACY
–2.5
+2.5
%
VIN = 3.0 V to 3.6 V, IOUT = 10 mA to 1 A
Load Regulation
–5
+5
mV
VIN = 3.3 V, IOUT = 10 mA to 1 A
1
Line Regulation
–5
+5
mV
VIN = 3.0 V to 3.6 V, IOUT = 1 A
1
CONTROL AMPLIFIER
Control Amplifier Open-Loop Gain
100
dB
Control Amplifier Slew Rate
3
V/
µs
Closed-Loop Settling Time
5
µsI
O = 10 mA to 2 A
Turn-On Time
5
µs
To 90% of Force High Output Level (CL = 470 pF)
Sense Input Impedance
1
50
k
Ω
Force Output Voltage Swing, VF (High)
10
V
RL = 10 k
Ω to GND
Force Output Voltage Swing, VF (Low)
2
V
RL = 10 k
Ω to V
CC
HICCUP MODE
Hiccup Mode Hold-Off Time
30
60
90
ms
Figure 2
Hiccup Mode Threshold
0.8
× V
OUT
V
Hiccup Comparator Glitch Immunity
100
µs
Hiccup Mode On-Time
0.5
1.0
1.5
ms
Hiccup Mode Off-Time
20
40
60
ms
Power-On Reset Threshold
6
9
V
SHUTDOWN,
SHDN1, SHDN2
Shutdown Input Low Voltage, VIL
0.8
V
Shutdown Input High Voltage, VIH
2.0
V
Supply Current, Normal Operation
2.4
4.0
mA
Shutdown Inputs Floating
Supply Current, Shutdown Mode
600
1000
µA
Both Channels Shut Dow
n
NOTES
1Guaranteed by design.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com