Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1051 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1051
Description  Precision Dual Voltage Regulator Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1051 Datasheet(HTML) 1 Page - Analog Devices

  ADM1051 Datasheet HTML 1Page - Analog Devices ADM1051 Datasheet HTML 2Page - Analog Devices ADM1051 Datasheet HTML 3Page - Analog Devices ADM1051 Datasheet HTML 4Page - Analog Devices ADM1051 Datasheet HTML 5Page - Analog Devices ADM1051 Datasheet HTML 6Page - Analog Devices ADM1051 Datasheet HTML 7Page - Analog Devices ADM1051 Datasheet HTML 8Page - Analog Devices ADM1051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1051/ADM1051A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Precision Dual Voltage
Regulator Controllers
FUNCTIONAL BLOCK DIAGRAM
SHDN1
VCC
50 A
BANDGAP
REFERENCE
HICCUP
COMPARATOR
100 F
2 100 F
VOUT1
CONTROL
AMPLIFIER
FORCE 1
SENSE 1
ADM1051/ADM1051A
SHDN2
HICCUP
COMPARATOR
GND
VCC
VIN
3.3V
CONTROL
AMPLIFIER
FORCE 2
SENSE 2
VCC
SHUTDOWN
CONTROL
100 F
2 100 F
VOUT2
VIN
3.3V
SHUTDOWN
CONTROL
VCC
50 A
CLK/DELAY
GENERATOR
POWER-ON
RESET
CLOCK
OSCILLATOR
NO CONNECTION
ON ADM1051A
FEATURES
Two Independent Controllers on One Chip
1.515 V and 1.818 V Outputs
Shutdown Inputs to Control Each Channel
Compatible with PC Motherboard TYPEDET Signal
2.5% Accuracy Over, Line, Load, and Temperature
Low Quiescent Current
Low Shutdown Current
Works with External N-Channel MOSFETs for Low Cost
“Hiccup Mode” Fault Protection
No External Voltage or Current Setting Resistors
1.8 V/3.3 V ICH Sequenced Power-Up on ADM1051A
Small, 8-Lead SOIC Package
APPLICATIONS
Desktop Computers
Servers
Workstations
GENERAL DESCRIPTION
The ADM1051/ADM1051A are dual, precision, voltage regula-
tor controllers intended for power rail generation and active bus
termination on personal computer motherboards. They contain a
precision 1.2 V bandgap reference and two channels consisting of
control amplifiers driving external power devices. Each channel
has a shutdown input to turn off amplifier output and Hiccup
Mode protection circuitry for the external power device. The
shutdown input on the 1.5 V channel can also be used with the
TYPEDET signal on a PC motherboard to select the output voltage.
The ADM1051/ADM1051A operate from a 12 V supply, which
gives sufficient headroom for the amplifiers to drive external
N-channel MOSFETs, operating as source-followers, as the
external series pass devices. This has the advantage that N-
channel devices are cheaper than P-channel devices of similar
performance, and the circuit is easier to stabilize than one using
P-channel devices in a common-source configuration.


Similar Part No. - ADM1051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
More results

Similar Description - ADM1051

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
Precision voltage regulator
1994 Aug 31
logo
Analog Devices
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
Precision Dual Voltage Regulator Controller
REV.A
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
Precision Voltage Regulator
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
Precision Voltage Regulator
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Analog Devices
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
Precision Dual Voltage Regulator Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com