Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6315 Datasheet (PDF) - Analog Devices

ADM6315 Datasheet PDF - Analog Devices
Part # ADM6315
Download  ADM6315 Download
File Size   99.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143

ADM6315 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM6315 Datasheet PDF - Analog Devices

Part # ADM6315
Download  ADM6315 Click to download

File Size   99.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143

ADM6315 Datasheet (HTML) - Analog Devices


ADM6315 Product details

GENERAL DESCRIPTION
The ADM6315 is a reliable voltage-monitoring device that is suitable for use in most voltage-monitoring applications.
   
FEATURES
    Specified over temperature
    Low power consumption (5 μA typical)
    Precision voltage monitor of voltages from 2.5 V to 5 V
        at 100 mV increments
    Reset assertion down to VCC > 1 V
    Reset timeout periods: 1 ms, 20 ms, 140 ms,
        or 1120 ms (minimum)
    Built-in manual reset
    Pin compatible with the ADM811
    Available in SOT-143 package
   
APPLICATIONS
    Microprocessor systems
    Controllers
    Intelligent instruments
    Automotive systems
    Safety systems
    Portable instruments
   




Similar Part No. - ADM6315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315 AD-ADM6315 Datasheet
272Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D1ART-RL AD-ADM6315-26D1ART-RL Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D1ART-RL AD-ADM6315-26D1ART-RL Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
More results


Similar Description - ADM6315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM811 AD-ADM811 Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com