Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6315 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM6315
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315 Datasheet(HTML) 2 Page - Analog Devices

  ADM6315 Datasheet HTML 1Page - Analog Devices ADM6315 Datasheet HTML 2Page - Analog Devices ADM6315 Datasheet HTML 3Page - Analog Devices ADM6315 Datasheet HTML 4Page - Analog Devices ADM6315 Datasheet HTML 5Page - Analog Devices ADM6315 Datasheet HTML 6Page - Analog Devices ADM6315 Datasheet HTML 7Page - Analog Devices ADM6315 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADM6315–SPECIFICATIONS (V
CC = Full Operating Range, TA = TMIN to TMAX, VCC Typ = 5 V unless otherwise noted)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
SUPPLY
Operating Voltage
1.0
5.5
V
TA = 0
°C to +70°C
VCC Supply Current
5
12
µAV
CC = 5.5 V (No Load)
412
µAV
CC = 3.6 V (No Load)
RESET VOLTAGE THRESHOLD (VTH)
1
VTH – 1.8%
VTH
VTH + 1.8%
V
TA = +25
°C
VTH – 2.5%
VTH + 2.5%
V
TA = 0
°C to +70°C
RESET THRESHOLD TEMPERATURE
COEFFICIENT
60
ppm/
°C
VCC TO RESET DELAY
35
µsV
CC = Falling at 1 mV/
µs
RESET ACTIVE TIMEOUT PERIOD
1
1.4
2.6
ms
ADM6315xxD1
20
28
53
ms
ADM6315xxD2
140
200
370
ms
ADM6315xxD3
1120
1570
2960
ms
ADM6315xxD4
MANUAL RESET
Input Threshold
0.8
V
VTH > 4.0 V (VIL)
2.4
V
VTH > 4.0 V (VIH)
0.3 VCC
VVTH < 4.0 V (VIL)
0.7 VCC
VVTH < 4.0 V (VIH)
Minimum Input Pulse
1
µs
Glitch Rejection
100
ns
To Reset Delay
500
ns
Pull-Up Resistance
32
63
100
k
Ω
RESET OUTPUT
Output Voltage
0.4
V
VCC > 4.25 V, ISINK = 3.2 mA
0.3
V
VCC > 2.5 V, ISINK = 1.2 mA
0.3
V
VCC > 1 V, ISINK = 80 mA
Output Leakage Current
1
µAV
CC > VTH, RESET Deasserted
NOTES
1The ADM6315 is available with preset reset threshold values from 2.5 V to 5 V at 100 mV increments.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com