Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6315 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM6315
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315 Datasheet(HTML) 1 Page - Analog Devices

  ADM6315 Datasheet HTML 1Page - Analog Devices ADM6315 Datasheet HTML 2Page - Analog Devices ADM6315 Datasheet HTML 3Page - Analog Devices ADM6315 Datasheet HTML 4Page - Analog Devices ADM6315 Datasheet HTML 5Page - Analog Devices ADM6315 Datasheet HTML 6Page - Analog Devices ADM6315 Datasheet HTML 7Page - Analog Devices ADM6315 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM6315
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Open-Drain Microprocessor
Supervisory Circuit in 4-Lead SOT-143
FUNCTIONAL BLOCK DIAGRAM
VREF
DEBOUNCE
RESET
CIRCUITRY
ADM6315
VCC
MR
GND
RESET
FEATURES
Superior Upgrade for MAX6315
Specified Over Temperature
Low Power Consumption (5
A Typ)
Precision Voltage Monitor of Voltages from 2.5 V to
5 V at 100 mV Increments
Reset Assertion Down to VCC > 1 V
Built-In Manual Reset
Pin Compatible with the ADM811
APPLICATIONS
Microprocessor Systems
Controllers
Intelligent Instruments
Automotive Systems
Safety Systems
Portable Instruments
ADM6315
MR
VCC
RESET
GND
RESET
GND
P
SYSTEM
10k
SYSTEM POWER
Figure 1. Typical Operating Circuit
GENERAL DESCRIPTION
The ADM6315 is a reliable voltage monitoring device that is
suitable for use in most voltage monitoring applications.
The ADM6315 is designed to monitor as little as a 1.8% degra-
dation of a power supply voltage. Voltages that can be moni-
tored by the ADM6315 are all voltages (at 100 mV increments)
from 2.5 V to 5 V.
Included in this circuit is a debounced Manual Reset input.
Reset can be activated using an ordinary switch (pulling
MR
low), by a low input from another digital device or by a degra-
dation of the supply voltage. The manual reset function is very
useful, especially if the circuit in which the ADM6315 is oper-
ating, enters into a state that can only be detected by the user.
Allowing the user to manually reset a system can reduce the
damage or danger that could be otherwise caused by an out of
control or locked-up system.
The ADM6315 comes in a cost and space efficient SOT-143
package.


Similar Part No. - ADM6315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315 AD-ADM6315 Datasheet
272Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D1ART-RL AD-ADM6315-26D1ART-RL Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D1ART-RL AD-ADM6315-26D1ART-RL Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
More results

Similar Description - ADM6315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM811 AD-ADM811 Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com